Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM1233M Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM1233M
Description  Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233M Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  ASM1233M Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ASM1233M
8 of 9
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.0V, µP Reset, Active LOW, Open-Drain Output
rev 1.0
October 2003
Ordering Information
Device Summary
Part Number
RESET
Output
Voltage (V)
RESET
Tolerance
(%)
RESET
Time (ms)
Open-Drain
Output
Stage**
TO-92
Package*
SO-8
Package
RESET
Polarity
ASM1233M-55
4.625
5
350
LOW
ASM1233M-5
4.375
10
350
LOW
ASM1233M-3
2.720
15
350
LOW
ASM1233MS-55
4.625
5
350
LOW
ASM1233MS-5
4.375
10
350
LOW
ASM1233MS-3
2.720
15
350
LOW
* Add /S to Part Number for straight (unformed) leads. (i.e. ASM1233xx-x/S)
** Internal 5k
Ω resistor pull-up



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com