Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM1233M Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM1233M
Description  Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233M Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM1233M Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASM1233M
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.0
Low Power, 5V/3.0V, µP Reset, Active LOW, Open-Drain Output
October 2003
General Description
The ASM1233M is a voltage supervisor with low-power, 5V µP
Reset, with an active LOW, open-drain output. Maximum supply
current over temperature is a low 20µA.
The ASM1233M generates an active LOW reset signal
whenever the monitored supply is out of tolerance. A precision
reference and comparator circuit monitor power supply (VCC)
level. Tolerance level options are 5% ,and 10% for a 5V power
supply. The tolerance is 15% for the 3.3V, ASM1233M. When
an out-of-tolerance condition is detected, an internal power-fail
signal is generated which forces an active LOW reset signal.
After VCC returns to an in-tolerance condition, the reset signal
remains active for 350ms to allow the power supply and system
microprocessor to stabilize.
The ASM1233M is designed with a open-drain output stage and
operates over the extended industrial temperature range.
Devices are available in compact surface mount SO-8
packages and 3-lead TO-92 packages.
Other low power products in this family include the ASM1810/
11/12/15/16/17 and ASM1233D.
Key Features
Low Supply Current
•20 µA maximum (5.5 V)
•15µA maximum (3.6 V)
Automatically restarts a microprocessor after power failure
350ms reset delay after VCC returns to an in-tolerance con-
dition
Active LOW power-up reset, 5k
Ω internal pull-up
Precision temperature-compensated voltage reference and
comparator
Eliminates external components
Low-cost TO-92 package
Compact surface mount SO-8 package
Operating temperature -40°C to +85°C
Applications
Set-top boxes
Cellular phones
•PDAs
Energy management systems
Embedded control systems
Printers
Single board computers
Typical Operating Circuit
Block Diagram
GND
Supply
Reference
Delay
150ms
Typical
Tolerance
Bias
+
-
Microprocessor
ASM1233M
VCC
RESET
Delay
150ms
Typical
+
-
1
2
4
VCC
RESET
RESET
GND
ASM1233M
5.0kΩ


Similar Part No. - ASM1233M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM1233M ONSEMI-ASM1233M Datasheet
134Kb / 8P
Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM1233M-3 ALSC-ASM1233M-3 Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1233M-3 PULSECORE-ASM1233M-3 Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233M-3 ONSEMI-ASM1233M-3 Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM1233M-3F ALSC-ASM1233M-3F Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
More results

Similar Description - ASM1233M

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com