Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MGC3140 Datasheet(PDF) 31 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 27Page - Microchip Technology MGC3140 Datasheet HTML 28Page - Microchip Technology MGC3140 Datasheet HTML 29Page - Microchip Technology MGC3140 Datasheet HTML 30Page - Microchip Technology MGC3140 Datasheet HTML 31Page - Microchip Technology MGC3140 Datasheet HTML 32Page - Microchip Technology MGC3140 Datasheet HTML 33Page - Microchip Technology MGC3140 Datasheet HTML 34Page - Microchip Technology MGC3140 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
I2C Master Read Bit Timing
Master read is to receive position data, gesture reports and command responses from the MGC3140.
The timing diagram is shown below:
Figure 7-2. I2C Master Read Bit Timing Diagram
3
1
2
4
5
6
7
8
9
3
1
2
4
5
6
7
8
9
3
1
2
4
5
6
7
8
9
A7
A6
A5
A4
A3
A2
A1
1
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Address
R/W
ACK
ACK
ACK
Data
Data
Address Bits Latched in
Data Bits Valid Out
Data Bits Valid Out
SCL may be stretched
SCL may be stretched
S
P
Start Bit
Stop Bit
SDA
SCL
Address bits are latched into the MGC3140 on the rising edges of SCL.
Data bits are latched out of the MGC3140 on the rising edges of SCL.
ACK bit:
MGC3140 presents the ACK bit on the ninth clock for address acknowledgment
I2C master presents the ACK bit on the ninth clock for data acknowledgment
The I2C master must monitor the SCL pin prior to asserting another clock pulse, as the MGC3140
may be holding off the I2C master by stretching the clock.
I2C Communication Steps
1.
SCL and SDA lines are Idle high.
2.
I2C master presents Start bit to the MGC3140 by taking SDA high-to-low, followed by taking SCL
high-to-low.
3.
I2C master presents 7-bit address, followed by a R/W = 1 (Read mode) bit to the MGC3140 on
SDA, at the rising edge of eight master clock (SCL) cycles.
4.
MGC3140 compares the received address to its Device ID. If they match, the MGC3140
acknowledges (ACK) the master sent address by presenting a low on SDA, followed by a low-high-
low on SCL.
5.
I2C master monitors SCL, as the MGC3140 may be clock-stretching, holding SCL low to indicate
that the I2C master should wait.
6.
I2C master receives eight data bits (MSB first) presented on SDA by the MGC3140, at eight
sequential I2C master clock (SCL) cycles. The data is latched out on SCL falling edges to ensure it
is valid during the subsequent SCL high time.
7.
If data transfer is not complete, then:
I2C master acknowledges (ACK) reception of the eight data bits by presenting a low on SDA,
followed by a low-high-low on SCL.
Go to Step 5.
8.
If data transfer is complete, then:
I2C master acknowledges (ACK) reception of the eight data bits and a completed data
transfer by presenting a high on SDA, followed by a low-high-low on SCL.
I2C Master Write Bit Timing
I2C master write is to send supported commands to the MGC3140. The timing diagram is shown below:
MGC3140
Interface Description
© 2018 Microchip Technology Inc.
DS40002037A-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com