Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MGC3140 Datasheet(PDF) 10 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 6Page - Microchip Technology MGC3140 Datasheet HTML 7Page - Microchip Technology MGC3140 Datasheet HTML 8Page - Microchip Technology MGC3140 Datasheet HTML 9Page - Microchip Technology MGC3140 Datasheet HTML 10Page - Microchip Technology MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Figure 3-2. Equipotential Lines of a Distorted E-Field
3.1
GestIC Technology Benefits
GestIC E-field sensors are not impacted by ambient influences such as light or sound, which have
a negative impact to the majority of other 3D technologies.
GestIC technology allows gesture/position tracking processing on-chip – no host processing
needed. Algorithms are included in the Colibri Gesture Suite which runs on-chip and is provided by
Microchip.
The GestIC technology has a high immunity to noise, provides high update rates and resolution,
low latency and is also not affected by clothing, surface texture or reflectivity.
Five carrier frequencies of 42, 43, 44, 45 and 100 kHz are utilized by the GestIC with minimal
impact on the regulated radio frequency range.
Usage of thin low-cost materials as electrodes allow low system cost at slim Industrial designs.
The further use of existing capacitive sensor structures, such as a touch panel’s ITO coating, allows
additional cost savings and ease the integration of the technology.
Electrodes are invisible to the user’s eye since they are implemented underneath the housing
surface or integrated into a touch panel’s ITO structure.
GestIC works centrically over the full sensing space. Thus, it provides full surface coverage without
any detection blind spots.
Only one GestIC transmitter electrode is used for E-field generations. The benefit is an overall low
power consumption and low radiated EMC noise.
Since GestIC is basically processing raw electrode signals and computes them in real time into
preprocessed gestures and x, y, z positional data, it provides a highly-flexible user interface
technology for any kind of electronic devices.
MGC3140
Theory of Operation: Electrical Near-Field (E-Fiel...
© 2018 Microchip Technology Inc.
DS40002037A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com