Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MGC3140 Datasheet(PDF) 12 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 8Page - Microchip Technology MGC3140 Datasheet HTML 9Page - Microchip Technology MGC3140 Datasheet HTML 10Page - Microchip Technology MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology MGC3140 Datasheet HTML 13Page - Microchip Technology MGC3140 Datasheet HTML 14Page - Microchip Technology MGC3140 Datasheet HTML 15Page - Microchip Technology MGC3140 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
The Colibri Suite includes a set of predefined hand gestures which contains Flick, Circular and Symbol
gestures as the ones outlined below:
Flick Gestures
Figure 4-2. Flick Gestures
A Flick gesture is a unidirectional gesture in a quick flicking motion. An example may be a hand
movement from West to East within the sensing area, from South to North, etc.
Circular Gestures
Figure 4-3. Circle Gestures
A circular gesture is a round-shaped hand movement defined by direction (clockwise/counterclockwise)
without any specific start position of the user’s hand. Two types of circular gestures are distinguished by
GestIC technology:
1.
AirWheel
An AirWheel is the recognition of continuously-performed rotations inside the sensing area
and provides information about the rotational movement in real time. It provides continuously
counter information which increments/decrements according to the movement’s direction
(clockwise/counterclockwise). The AirWheel can be adjusted for convenient usage in various
applications (e.g., volume control, sensitivity adjustment or light dimming).
2.
Discrete Circles
Discrete Circles are recognized after performing a hand movement inside the sensing area.
The recognition result (direction: clockwise/counterclockwise) is provided after the hand
movement stops or the hand exits the detection area. The Discrete Circles are typically used
as dedicated application control commands.
Hold and Presence Gestures
Hold/Presence gestures are recognized through the detection of a hand within a configurable detection
area. After the hand is detected as being present in this area, a timer will be started. If the hand stays
MGC3140
Feature Description
© 2018 Microchip Technology Inc.
DS40002037A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com