Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258SJ Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7258SJ
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258SJ Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7258SJ Datasheet HTML 1Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 2Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 3Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 4Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 5Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 6Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 7Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 8Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Type
Package
Marking
TLE7258SJ
PG-DSO-8
7258
TLE7258LE
PG-TSON-8
7258
PG-DSO-8
PG-TSON-8
Data Sheet
3
Rev. 1.1, 2015-08-20
LIN Transceiver
TLE7258SJ
TLE7258LE
TLE7258
1Overview
Features
Single-wire LIN transceiver for transmission rates up to 20 kbps
Compliant to ISO 17987-4, LIN Specification 2.2A and SAE J2602
Very low current consumption in Sleep mode with wake-up capability
Very low leakage current on the BUS pin
Digital I/O levels compatible with 3.3 V and 5 V microcontrollers
TxD protected with dominant time-out function and state check after
mode change to Normal Operation mode
BUS short to
V
BAT protection and BUS short to GND handling
Over temperature protection and supply undervoltage detection
Very high ESD robustness, ± 10 kV according to IEC61000-4-2
Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
Available in standard PG-DSO-8 and leadless PG-TSON-8 packages
PG-TSON-8 package supports Automated Optical Inspection (AOI)
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7258 is a transceiver for the Local Interconnect Network (LIN)
with integrated wake-up and protection features. It is designed for in-
vehicle networks using data transmission rates up to 20 kbps. The TLE7258 operate as a bus driver between the
protocol controller and the physical bus of the LIN network. Compliant to all LIN standards and with a wide
operational supply range the TLE7258 can be used in all automotive applications.
The usage of different operation modes and the INH output allows the TLE7258 to control external components
like e.g. voltage regulators. In Sleep mode the TLE7258 draws typically less than 10 μA of quiescent current while
still being able to wake-up when detecting LIN bus traffic. The very low leakage current on the BUS pin makes the
TLE7258 especially suitable for partially supplied networks.
Based on the Infineon BiCMOS technology the TLE7258 provides excellent ESD robustness together with a very
high electromagnetic compatibility (EMC). The TLE7258 reaches a very low level of electromagnetic emission
(EME) within a broad frequency range and independent from the battery voltage. The TLE7258 is AEC qualified
and tailored to withstand the harsh conditions of the automotive environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com