Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258SJ Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7258SJ
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258SJ Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7258SJ Datasheet HTML 1Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 2Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 3Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 4Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 5Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 6Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 7Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 8Page - Infineon Technologies AG TLE7258SJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLE7258
Pin Configuration
Data Sheet
5
Rev. 1.1, 2015-08-20
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1RxD
Receive data output;
External pull-up necessary
Monitors the LIN bus signal in Normal Operation mode
Indicates a wake-up event in Standby mode
2EN
Enable input;
Integrated pull-down resistor
Logical “high” to select Normal Operation mode
3N.C.
Not Connected
4TxD
Transmit data input;
Integrated pull-up current source
Logical “low” to drive a “dominant” signal on the LIN bus
5GND
Ground
6BUS
Bus input / output;
Integrated LIN slave termination
7
V
s
Battery supply input;
100 nF decoupling capacitor required
8INH
Inhibit output;
Battery supply related output
Active in Normal Operation mode and Standby mode
PAD1)
1)Only for PG-TSON-8 package version (TLE7258LE)
Connect to PCB heat sink area. Do not connect to other voltage potential than GND
TLE7258_PINNING
1
2
3
45
6
7
8
RxD
1
2
3
45
6
7
8
EN
N.C.
TxD
INH
V
S
BUS
GND
RxD
EN
N.C.
TxD
INH
V
S
BUS
GND
PG-DSO-8
PG-TSON-8
(Top side X-Ray view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com