Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD6640 Datasheet(PDF) 76 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 72Page - STMicroelectronics VD6640 Datasheet HTML 73Page - STMicroelectronics VD6640 Datasheet HTML 74Page - STMicroelectronics VD6640 Datasheet HTML 75Page - STMicroelectronics VD6640 Datasheet HTML 76Page - STMicroelectronics VD6640 Datasheet HTML 77Page - STMicroelectronics VD6640 Datasheet HTML 78Page - STMicroelectronics VD6640 Datasheet HTML 79Page - STMicroelectronics VD6640 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
Video timing
VG6640, VD6640
76/126
DocID023597 Rev 11
6.4
Variable line length and frame length
The frame rate of the array readout and therefore the output is governed by the line length,
the frame length and the video timing pixel clock frequency.
The frame rate in frames per second (fps) may be calculated as:
where:
•
line_length_pck is the line length, register Line_Length_PCK (0x0342)
•
frame_length_lines is the frame length, register FrameLengthLines(0x212d)
The output frame rate of image sensor may be reduced by extending either the line length or
the frame length. The extension is achieved by adding extra blank pixels at the end of a line
or blank lines to act as timing padding.
Reducing the frame rate by extending the frame length (and not the line length) has the
advantage that it does not reduce the pixel readout rate or the active frame time. Therefore
it minimises potential unwanted motion artefacts in the image.
Frame timing examples are shown in Table 34.
Framerate
VT_PixelClock_MHz
line_length_pck
frame_length_lines
×
---------------------------------------------------------------------------------------------------
=
Table 34. External clock frequency examples, full FOV, 45 fps
Ext Clk
Freq
Pre-PLL
Clk Div
PLL
multiplier
VT Sys
Clk Div
VT pixel
Clk Div
VT pixel
clock
OP Sys
Clk Div
OPpixel
Clk Div
OP pixel
clock
Line
length
Frame
length
MHz
Integer
Integer
(Dec)
Integer
Integer
MHz
Integer
Integer
MHz
Pixel
Clks
Lines
(Dec)
12
2
132
1
6
66
1
8
49.50
1438
1023
24
4
132
1
6
66
1
8
49.50
1438
1023
27
4
117
1
6
65.81
1
8
49.36
1438
1023
45
4
70
1
6
65.63
1
8
49.22
1438
1023
50
8
126
1
6
65.63
1
8
49.22
1438
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com