Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD6640 Datasheet(PDF) 41 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics VD6640 Datasheet HTML 39Page - STMicroelectronics VD6640 Datasheet HTML 40Page - STMicroelectronics VD6640 Datasheet HTML 41Page - STMicroelectronics VD6640 Datasheet HTML 42Page - STMicroelectronics VD6640 Datasheet HTML 43Page - STMicroelectronics VD6640 Datasheet HTML 44Page - STMicroelectronics VD6640 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 126 page
background image
DocID023597 Rev 11
41/126
VG6640, VD6640
Control interface
125
0x2120
FwPatchRevision
8UI
0x00
DNW
Firmware patch revision
0x2121
SystemSetup
8UI
0x00
RW
[7:5] - FlashMapMode:
Flicker Repair scheme and
FlashMap output selection.
000: Disable
001: Long and Medium only bit on
GPIO (sync-ed with ITU)
011: Long Medium and Short bit on
GPIO (sync-ed with ITU)
101: Long and Medium only bit on
data LSB (CSI2 and/or ITU)
111: Long Medium and Short bit on
data LSB (CSI2 and/or ITU)
[4] - bTempSensorsSwStbyEnable.
Enable the temp sensors for a single
measurement when in Standby mode
0: Disable
1: Enable (autoclear bit)
[3] - bMonochromeEnable:
Set dynamic defect correction in
monochrome mode.
0: Disable
1: Enable
[2] - bI2cFastModePlusEnable
0x0 = I2C Fast Mode compatible
0x1 = I2C Fast Mode+ compatible
[1] - bUISetSelect:
Selects between UISet0 and UISet1
when pingpong mode is not active.
0: UISet0 selected
1: UISet1 selected
[0] - bPingPongMode
0x0 = UISet chosen by bit [1]
0x1 = Toggles between UISet_0 and
UISet_1
Table 11. System flag registers [0x211D to 0x2121] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com