Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD6640 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 5Page - STMicroelectronics VD6640 Datasheet HTML 6Page - STMicroelectronics VD6640 Datasheet HTML 7Page - STMicroelectronics VD6640 Datasheet HTML 8Page - STMicroelectronics VD6640 Datasheet HTML 9Page - STMicroelectronics VD6640 Datasheet HTML 10Page - STMicroelectronics VD6640 Datasheet HTML 11Page - STMicroelectronics VD6640 Datasheet HTML 12Page - STMicroelectronics VD6640 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
DocID023597 Rev 11
9/126
VG6640, VD6640
Overview
125
1
Overview
The VG6640, VD6640 are generically referred to in this document as “the image sensor”.
Note:
Further specifications can be found in Chapter 10: Electro-optical characteristics
Table 2. Technical specifications
Feature
Detail
Pixel resolution
1304 x 980 (to allow 1280 x 960 + 8 border
surrounding pixels for ISP processing)
Sensor technology
65 nm, CMOS imager process
Pixel size
3.75 µm x 3.75 µm
HDR characteristics
3 integration times with real-time data merging
Shutter
Electrical rolling
Frame rate at full resolution
45 fps
Frame rate at HD video (720p) resolution
60 fps
Parallel interface data rate
66 Mpixel/s (12 bits per pixel)
CSI-2 serial interface data rate
2 x 550 Mbit/s
Frame synchronization
±1 line through an I2C command or through dedicated
signal
Package
Exposed glass BGA 9.0 mm x 9.3 mm
Maximum recommended CRA(1)
1. Due to the excellent angular response of the VG6640 pixels the microlens array does not require to be
optimised for a specific lens CRA. At the quoted maximum CRA of 25 degrees the relative efficiency of the
pixels is still greater than 80%.
25°
Pixel gain
+13 dB (x5)
Analog gain
+12 dB (maximum)
Supply voltages
2.8V analog supply
1.8V digital I/O supply
1.2V digital core supply (may optionally be generated
internally from 1.8V)
Power consumption (typical)
400mW @ 30 fps
External clock frequency range
12-50 MHz, AC or DC coupled
Oscillator frequency range
12-27 MHz, quartz crystal
Junction Temperature range (Tj)
-40°C to +125°C functional
(-40°C to +105°C for acceptable images)
Temperature sensors
Two factory calibrated temperature sensors provide
±3°C accuracy over the operating temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com