Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 45Page - Texas Instruments TMS320F2811 Datasheet HTML 46Page - Texas Instruments TMS320F2811 Datasheet HTML 47Page - Texas Instruments TMS320F2811 Datasheet HTML 48Page - Texas Instruments TMS320F2811 Datasheet HTML 49Page - Texas Instruments TMS320F2811 Datasheet HTML 50Page - Texas Instruments TMS320F2811 Datasheet HTML 51Page - Texas Instruments TMS320F2811 Datasheet HTML 52Page - Texas Instruments TMS320F2811 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 175 page
background image
8.12.5.5.2 SPI Master Mode External Timing (Clock Phase = 1)
NO.(1)
(2) (3) (4)
(5)
PARAMETER
BRR EVEN
BRR ODD
UNIT
MIN
MAX
MIN
MAX
1
tc(SPC)M
Cycle time, SPICLK
4tc(LSPCLK)
128tc(LSPCLK)
5tc(LSPCLK)
127tc(LSPCLK)
ns
2
tw(SPC1)M
Pulse duration, SPICLK first
pulse
0.5tc(SPC)M – 10
0.5tc(SPC)M + 10
0.5tc(SPC)M –
0.5tc(LSPCLK) – 10
0.5tc(SPC)M –
0.5tc(LSPCLK) + 10
ns
3
tw(SPC2)M
Pulse duration, SPICLK second
pulse
0.5tc(SPC)M – 10
0.5tc(SPC)M + 10
0.5tc(SPC)M +
0.5tc(LSPCLK) – 10
0.5tc(SPC)M +
0.5tc(LSPCLK) + 10
ns
6
td(SIMO)M
Delay time, SPISIMO valid to
SPICLK
0.5tc(SPC)M – 10
0.5tc(SPC)M +
0.5tc(LSPCLK) – 10
ns
7
tv(SIMO)M
Valid time, SPISIMO valid after
SPICLK
0.5tc(SPC)M – 10
0.5tc(SPC)M –
0.5tc(LSPCLK) – 10
ns
10
tsu(SOMI)M
Setup time, SPISOMI before
SPICLK
35
35
ns
11
th(SOMI)M
Hold time, SPISOMI valid after
SPICLK
0
0
ns
23
td(SPC)M
Delay time, SPISTE active to
SPICLK
2tc(SPC)M –
3tc(SYSCLK) – 10
2tc(SPC)M –
3tc(SYSCLK) – 10
ns
24
td(STE)M
Delay time, SPICLK to SPISTE
inactive
0.5tc(SPC) – 10
0.5tc(SPC) –
0.5tc(LSPCLK) – 10
ns
(1)
The MASTER/SLAVE bit (SPICTL.2) is set and the CLOCK PHASE bit (SPICTL.3) is set.
(2)
tc(SPC) = SPI clock cycle time = LSPCLK/4 or LSPCLK/(SPIBRR + 1)
(3)
Internal clock prescalers must be adjusted such that the SPI clock speed is limited to the following SPI clock rate:
Master mode transmit 25 MHz MAX, master mode receive 12.5 MHz MAX
Slave mode transmit 12.5 MHz MAX, slave mode receive 12.5 MHz MAX.
(4)
tc(LCO) = LSPCLK cycle time
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6).
11
SPISOMI
SPISIMO
SPICLK
(clock polarity = 1)
SPICLK
(clock polarity = 0)
Master In Data Must
Be Valid
Master Out Data Is Valid
1
7
6
10
3
2
23
24
SPISTE
Figure 8-23. SPI Master Mode External Timing (Clock Phase = 1)
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com