Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F2811 Datasheet HTML 1Page - Texas Instruments TMS320F2811 Datasheet HTML 2Page - Texas Instruments TMS320F2811 Datasheet HTML 3Page - Texas Instruments TMS320F2811 Datasheet HTML 4Page - Texas Instruments TMS320F2811 Datasheet HTML 5Page - Texas Instruments TMS320F2811 Datasheet HTML 6Page - Texas Instruments TMS320F2811 Datasheet HTML 7Page - Texas Instruments TMS320F2811 Datasheet HTML 8Page - Texas Instruments TMS320F2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 175 page
background image
TMS320F281x Digital Signal Processors
1 Features
• High-performance static CMOS technology
– 150 MHz (6.67-ns cycle time)
– Low-power (1.8-V core at 135 MHz,
1.9-V core at 150 MHz, 3.3-V I/O) design
• JTAG boundary scan support
– IEEE Standard 1149.1-1990 IEEE Standard
Test Access Port and Boundary-Scan
Architecture
• High-performance 32-bit CPU (TMS320C28x)
– 16 × 16 and 32 × 32 MAC operations
– 16 × 16 dual MAC
– Harvard bus architecture
– Atomic operations
– Fast interrupt response and processing
– Unified memory programming model
– 4M linear program/data address reach
– Code-efficient (in C/C++ and Assembly)
– TMS320F24x/LF240x processor source code
compatible
• On-chip memory
– Up to 128K × 16 flash
(Four 8K × 16 and six 16K × 16 sectors)
– 1K × 16 OTP ROM
– L0 and L1: 2 blocks of 4K × 16 each Single-
Access RAM (SARAM)
– H0: 1 block of 8K × 16 SARAM
– M0 and M1: 2 blocks of 1K × 16 each SARAM
• Boot ROM (4K × 16)
– With software boot modes
– Standard math tables
• External interface (F2812)
– Over 1M × 16 total memory
– Programmable wait states
– Programmable read/write strobe timing
– Three individual chip selects
• Endianness: Little endian
• Clock and system control
– On-chip oscillator
– Watchdog timer module
• Three external interrupts
• Peripheral Interrupt Expansion (PIE) block that
supports 45 peripheral interrupts
• Three 32-bit CPU timers
• 128-bit security key/lock
– Protects flash/OTP and L0/L1 SARAM
– Prevents firmware reverse-engineering
• Motor control peripherals
– Two Event Managers (EVA, EVB)
– Compatible to 240xA devices
• Serial port peripherals
– Serial Peripheral Interface (SPI)
– Two Serial Communications Interfaces (SCIs),
standard UART
– Enhanced Controller Area Network (eCAN)
– Multichannel Buffered Serial Port (McBSP)
• 12-bit ADC, 16 channels
– 2 × 8 channel input multiplexer
– Two Sample-and-Hold
– Single/simultaneous conversions
– Fast conversion rate: 80 ns/12.5 MSPS
• Up to 56 General-Purpose I/O (GPIO) pins
• Advanced emulation features
– Analysis and breakpoint functions
– Real-time debug via hardware
• Development tools include
– ANSI C/C++ compiler/assembler/linker
– Code Composer Studio™ IDE
– DSP/BIOS™
– JTAG scan controllers
• IEEE Standard 1149.1-1990 IEEE Standard
Test Access Port and Boundary-Scan
Architecture
• Low-power modes and power savings
– IDLE, STANDBY, HALT modes supported
– Disable individual peripheral clocks
• Package options
– 179-ball MicroStar BGA™ with external memory
interface (GHH, ZHH) (F2812)
– 176-pin Low-Profile Quad Flatpack (LQFP) with
external memory interface (PGF) (F2812)
– 128-pin LQFP without external memory
interface (PBK) (F2810, F2811)
• Temperature options
– A: –40°C to 85°C (GHH, ZHH, PGF, PBK)
– S: –40°C to 125°C (GHH, ZHH, PGF, PBK)
– Q: –40°C to 125°C (PGF, PBK)
(AEC-Q100 qualification for automotive
applications)
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320F2811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2811 TI-TMS320F2811 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320F2811 TI-TMS320F2811 Datasheet
1Mb / 162P
Digital Signal Processors
TMS320F2811 TI-TMS320F2811 Datasheet
2Mb / 173P
Digital Signal Processors
TMS320F2811 TI-TMS320F2811 Datasheet
2Mb / 173P
Digital Signal Processors
TMS320F2811 TI-TMS320F2811 Datasheet
1Mb / 170P
Digital Signal Processors
More results

Similar Description - TMS320F2811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
Digital Signal Processors
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
TMS320F2810 TI-TMS320F2810_V01 Datasheet
2Mb / 173P
TMS320F281x Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com