Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 82Page - Texas Instruments TMS320F2811 Datasheet HTML 83Page - Texas Instruments TMS320F2811 Datasheet HTML 84Page - Texas Instruments TMS320F2811 Datasheet HTML 85Page - Texas Instruments TMS320F2811 Datasheet HTML 86Page - Texas Instruments TMS320F2811 Datasheet HTML 87Page - Texas Instruments TMS320F2811 Datasheet HTML 88Page - Texas Instruments TMS320F2811 Datasheet HTML 89Page - Texas Instruments TMS320F2811 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 175 page
background image
8.12.8.4 Flash/OTP Access Timing
PARAMETER
MIN
MAX
UNIT
ta(fp)
Paged Flash access time
36
ns
ta(fr)
Random Flash access time
36
ns
ta(OTP)
OTP access time
60
ns
8.12.8.5 Flash Data Retention Duration
PARAMETER
TEST CONDITIONS
MIN
MAX UNIT
tretention
Data retention duration
TJ = 55°C
15
years
Table 8-5. Minimum Required Flash Wait States at Different Frequencies
SYSCLKOUT (MHz)
SYSCLKOUT (ns)
PAGE
WAIT STATE(1)
RANDOM
WAIT STATE(1) (2)
OTP
150
6.67
5
5
8
120
8.33
4
4
7
100
10
3
3
5
75
13.33
2
2
4
50
20
1
1
2
30
33.33
1
1
1
25
40
0
1
1
15
66.67
0
1
1
4
250
0
1
1
(1)
Formulas to compute page wait state and random wait state:
larger)
is
whichever
0,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
Page
Flash
c(SCO)
a(fp)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
larger)
is
whichever
1,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
Random
Flash
c(SCO)
a(fr)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
larger)
is
whichever
1,
or
integer,
highest
next
the
to
up
(round
1
t
t
State
Wait
OTP
c(SCO)
a(OTP)
ú
ú
û
ù
ê
ê
ë
é
-
÷
÷
ø
ö
ç
ç
è
æ
=
(2)
Random wait state must be greater than or equal to 1.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
86
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com