Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F2811PBKA Datasheet HTML 1Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 2Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 3Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 4Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 5Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 6Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 7Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 8Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 175 page
background image
6 Device Comparison
Table 6-1 provides a summary of each device’s features.
Table 6-1. Device Comparison
FEATURE(1)
TYPE(2)
F2810
F2810-Q1
F2811
F2811-Q1
F2812
F2812-Q1
Instruction Cycle (at 150 MHz)
–
6.67 ns
6.67 ns
6.67 ns
Single-Access RAM (SARAM) (16-bit word)
–
18K
18K
18K
3.3-V On-Chip Flash (16-bit word)
–
64K
128K
128K
Code Security for On-Chip Flash/SARAM/OTP
–
Yes
Yes
Yes
Boot ROM
–
Yes
Yes
Yes
OTP ROM (1K x 16)
–
Yes
Yes
Yes
External Memory Interface
0
–
–
Yes
Event Managers A and B (EVA and EVB)
–
EVA, EVB
EVA, EVB
EVA, EVB
● General-Purpose (GP) Timers
–
4
4
4
● Compare (CMP)/PWM
0
16
16
16
● Capture (CAP)/QEP Channels
0
6/2
6/2
6/2
Watchdog Timer
–
Yes
Yes
Yes
12-Bit ADC
0
Yes
Yes
Yes
● Channels
16
16
16
32-Bit CPU Timers
–
3
3
3
Serial Peripheral Interface (SPI)
0
Yes
Yes
Yes
Serial Communications Interfaces A and B (SCIA and SCIB)
0
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
Controller Area Network (CAN)
0
Yes
Yes
Yes
Multichannel Buffered Serial Port (McBSP)
0
Yes
Yes
Yes
Digital I/O Pins (Shared)
–
56
56
56
External Interrupts
–
3
3
3
Supply Voltage
–
1.8-V Core (135 MHz), 1.9-V Core (150 MHz), 3.3-V I/O
Packaging
128-pin PBK
–
Yes
Yes
–
176-pin PGF
–
–
Yes
179-ball GHH
–
–
Yes
179-ball ZHH
–
–
Yes
Temperature Options
A: –40°C to 85°C
–
Yes
Yes
Yes
S: –40°C to 125°C
–
Yes
Yes
Yes
Q: –40°C to 125°C
(AEC-Q100 Qualification)
–
Yes
Yes
PGF only
(1)
The TMS320F281x DSPs Silicon Errata has been posted on the Texas Instruments (TI) website. It will be updated as needed.
(2)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
C2000 Real-Time Control Peripherals Reference Guide and in the peripheral reference guides.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com