Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 48Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 49Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 50Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 51Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 52Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 53Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 54Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 55Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 175 page
background image
8.12.5.7 External Interface (XINTF) Timing
Each XINTF access consists of three parts: Lead, Active, and Trail. The user configures the Lead/Active/Trail
wait states in the XTIMING registers. There is one XTIMING register for each XINTF zone. Table 8-3 shows the
relationship between the parameters configured in the XTIMING register and the duration of the pulse in terms of
XTIMCLK cycles.
Table 8-3. Relationship Between Parameters Configured in XTIMING and Duration of Pulse
DESCRIPTION(1) (2)
DURATION (ns)
X2TIMING = 0
X2TIMING = 1
LR
Lead period, read access
XRDLEAD × tc(XTIM)
(XRDLEAD × 2) × tc(XTIM)
AR
Active period, read access
(XRDACTIVE + WS + 1) × tc(XTIM)
(XRDACTIVE × 2 + WS + 1) × tc(XTIM)
TR
Trail period, read access
XRDTRAIL × tc(XTIM)
(XRDTRAIL × 2) × tc(XTIM)
LW
Lead period, write access
XWRLEAD × tc(XTIM)
(XWRLEAD × 2) × tc(XTIM)
AW
Active period, write access
(XWRACTIVE + WS + 1) × tc(XTIM)
(XWRACTIVE × 2 + WS + 1) × tc(XTIM)
TW
Trail period, write access
XWRTRAIL × tc(XTIM)
(XWRTRAIL × 2) × tc(XTIM)
(1)
tc(XTIM) – Cycle time, XTIMCLK
(2)
WS refers to the number of wait states inserted by hardware when using XREADY. If the zone is configured to ignore XREADY
(USEREADY = 0), then WS = 0.
Minimum wait state requirements must be met when configuring each zone’s XTIMING register. These
requirements are in addition to any timing requirements as specified by that device’s data sheet. No internal
device hardware is included to detect illegal settings.
8.12.5.7.1 USEREADY = 0
If the XREADY signal is ignored (USEREADY = 0), then:
1.
Lead:
LR ≥ tc(XTIM)
LW ≥ tc(XTIM)
These requirements result in the following XTIMING register configuration restrictions (no hardware to detect
illegal XTIMING configurations):
XRDLEAD
XRDACTIVE
XRDTRAIL
XWRLEAD
XWRACTIVE
XWRTRAIL
X2TIMING
≥ 1
≥ 0
≥ 0
≥ 1
≥ 0
≥ 0
0, 1
Examples of valid and invalid timing when not sampling XREADY (no hardware to detect illegal XTIMING
configurations):
XRDLEAD
XRDACTIVE
XRDTRAIL
XWRLEAD
XWRACTIVE
XWRTRAIL
X2TIMING
Invalid
0
0
0
0
0
0
0, 1
Valid
1
0
0
1
0
0
0, 1
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com