Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 81Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 82Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 83Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 84Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 85Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 175 page
background image
8.12.8 Flash Timing
8.12.8.1 Flash Endurance for A and S Temperature Material
ERASE/PROGRAM
TEMPERATURE(1)
MIN
TYP
MAX
UNIT
Nf
Flash endurance for the array (Write/Erase cycles) 0°C to 85°C (ambient)
20000(2)
50000(2)
cycles
NOTP
OTP endurance for the array (Write cycles)
0°C to 85°C (ambient)
1
write
(1)
Write/erase operations outside of the temperature ranges indicated are not specified and may affect the endurance numbers.
(2)
The Write/Erase cycle numbers of 20000 (MIN) and 50000 (TYP) are applicable only for silicon revision G. For older silicon revisions,
the Write/Erase cycle numbers of 100 (MIN) and 1000 (TYP) are applicable.
8.12.8.2 Flash Endurance for Q Temperature Material
ERASE/PROGRAM
TEMPERATURE(1)
MIN
TYP
MAX
UNIT
Nf
Flash endurance for the array (Write/Erase cycles) –40°C to 125°C (ambient)
20000(2)
50000(2)
cycles
NOTP
OTP endurance for the array (Write cycles)
–40°C to 125°C (ambient)
1
write
(1)
Write/erase operations outside of the temperature ranges indicated are not specified and may affect the endurance numbers.
(2)
The Write/Erase cycle numbers of 20000 (MIN) and 50000 (TYP) are applicable only for silicon revision G. For older silicon revisions,
the Write/Erase cycle numbers of 100 (MIN) and 1000 (TYP) are applicable.
8.12.8.3 Flash Parameters at 150-MHz SYSCLKOUT
PARAMETER(1)
MIN
TYP
MAX
UNIT
Program Time
16-Bit Word
Using Flash API v1(2)
35
µs
Using Flash API v2.10
50
8K Sector
Using Flash API v1(2)
170
ms
Using Flash API v2.10
250
16K Sector
Using Flash API v1(2)
320
ms
Using Flash API v2.10
500
Erase Time(3)
8K Sector
10
s
16K Sector
11
IDD3VFLP
VDD3VFL current consumption during the Erase/Program cycle
Erase
75
mA
Program
35
IDDP
VDD current consumption during Erase/Program cycle
140
mA
IDDIOP
VDDIO current consumption during Erase/Program cycle
20
mA
(1)
Typical parameters as seen at room temperature including function call overhead, with all peripherals off. It is important to maintain a
stable power supply during the entire flash programming process. It is conceivable that device current consumption during flash
programming could be higher than normal operating conditions. The power supply used should ensure VMIN on the supply rails at all
times, as specified in the Recommended Operating Conditions of the data sheet. Any brown-out or interruption to power during
erasing/programming could potentially corrupt the password locations and lock the device permanently. Powering a target board
(during flash programming) through the USB port is not recommended, as the port may be unable to respond to the power demands
placed during the programming process.
(2)
Flash API v1.00 is useable on rev. C silicon only.
(3)
The on-chip flash memory is in an erased state when the device is shipped from TI. As such, erasing the flash memory is not required
prior to programming, when programming the device for the first time. However, the erase operation is needed on all subsequent
programming operations.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com