Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LBC848BWT1G Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LBC848BWT1G
Description  General Purpose Transistors NPN Silicon
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LBC848BWT1G Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LBC848BWT1G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LBC848BWT1G Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELECTRICAL CHARACTERISTICS(TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
(I C = 2.0 mA, V CE = 5.0 V)
110
180
220
200
290
450
420
520
800
Collector–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V CE(sat)
0.25
V
Collector–Emitter Saturation Voltage (I C = 100 mA, I B = 5.0 mA)
0.6
Base–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V BE(sat)
0.7
V
Base–Emitter Saturation Voltage (I C = 100 mA, I B = 5.0 mA)
0.9
Base–Emitter Voltage (I C = 2.0 mA, V CE = 5.0 V)
V BE(on)
580
660
700
mV
Base–Emitter Voltage (I C = 10 mA, V CE = 5.0 V)
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f
T
100
MHz
(I
C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (I C = 0.2 mA,
NF
dB
V CE = 5.0 Vdc, R S = 2.0 k
Ω,
10
f = 1.0 kHz, BW = 200 Hz)
4.0
LBC846A, LBC847A, LBC848A
LBC846B, LBC847B, LBC848B
LBC847C, LBC848C
LBC846A, LBC847A,L BC848A
LBC846B, LBC847B,L BC848B
LBC847C, LBC848C
LBC846A, LBC847A, LBC848A
Figure 1. DC Current Gain vs. Collector
Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
0.1
0.01
0.001
0.0001
0
0.02
0.18
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 20
150°C
−55°C
25°C
0.4
0.9
IC/IB = 20
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
0.04
0.06
0.08
0.10
0.12
0.14
0.16
LBC848BWT1G
Rev :
www.leiditech.com
01.06.2018
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com