Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118614-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2118614-1
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118614-1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2118614-1 Datasheet HTML 1Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 2Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 3Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 4Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 5Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 6Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 7Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 8Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 3
Consist of: Element + Keep out +
Ground
Small size, low profile
Ideal for devices with very low
height requirement
Relatively large PCB ground keep
out of 10 mm to 20 mm is required
Compact Antenna
Use existing ground plane
Ground plane design + components/routing can have
strong RF impact
Automatic and repeatable assembly
Stand-alone antenna
Little to no dependency on device ground
Preferred option for metal cases
Option where antenna position different from device
position
Minimal RF design effort, ready to use
Larger Antenna
Ground plane independent antenna
Ground plane + components having little impact on RF
Manual assembly
Stand-alone antenna
Dependency on device ground increases with lower
frequencies
Preferred option for metal cases
Higher gain options available
Adapter cable = adding cost
Easy manipulation with minimal RF design effort
Consist of: Element + Keep out +
Ground
Higher profile of 10 mm to 20 mm
Smaller PCB ground keep out of 5
mm to 10 mm is required
Can save PCB space and offer good
antenna performance
Consist of: Element + Ground
Higher profile of 5 mm to 25 mm
No PCB ground keep out is required
Can save PCB space 
On-ground type ideal for single/dual
high band antennas
MOUNTING TYPES
Board Mount Antennas
Embedded Antennas
External & Terminal Antennas
Surface mount
Chassis mount, direct feed
External
Terminal mount
Chassis mount, cable feed
Tab mount
Surface mount on ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com