Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118614-1 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 2118614-1
Description  STANDARD AND CUSTOM ANTENNAS FOR IOT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118614-1 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 2118614-1 Datasheet HTML 6Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 7Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 8Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 9Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 10Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 11Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 12Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 13Page - TE Connectivity Ltd 2118614-1 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Wi-Fi, Bluetooth, Zigbee
DATA AND DEVICES /// STANDARD AND CUSTOM ANTENNAS FOR IOT
PAGE 10
TE Part
Number
Product Image
Frequency Band
(MHz)
Wireless
Application
Mounting Type
VSWR
(Max)
Peak Gain
(dB)
Product
Length
(mm)
Product
Width
(mm)
Product
Height
(mm)
Remarks
2118907-1
2400 - 2483.5,
5150 - 5875,
5925 - 7125
Wi-Fi triple
band, Wi-Fi 6E
Adhesive mount
Refer to
data sheet
Refer to
data sheet
29.6
41.24
0.36
• Embedded flexible PCB
• Cable length can be customized
• Mating Connector types: MHF
2118908-1/
-2
2400 - 2483.5,
5150 - 5875,
5925 - 7125
Wi-Fi triple
band, Wi-Fi 6E
Surface mount
Refer to
data sheet
Refer to
data sheet
18.9
6.2
0.76
• On board PCB
• Packaging
-1: Bulk packaged
-2: T&R packaged
2118909-1/
-2/ -4/ -5/
-6/ -8
2400 - 2483.5,
5150 - 5875,
5925 - 7125
Wi-Fi triple
band, Wi-Fi 6E
Adhesive mount
Refer to
data sheet
Refer to
data sheet
40
8
2.6
• Embedded PCB
• Cable length can be customized
• Mating Connector types: MHF, MHF4
2108792-1
2400 - 2483.5,
5150 - 5875,
5925 - 7125"
Wi-Fi triple
band, Wi-Fi 6E
Adhesive mount
Refer to
data sheet
Refer to
data sheet
40
10
0.12
• Embedded FPC
• Cable length can be customized
• Mating Connector types: MHF
2246667-1/
-2
2400 - 2483.5
5150 - 5875
Wi-Fi dual
band,
Bluetooth,
Zigbee
Chassis mount
<3.5:1
Refer to
data sheet
144
34
6.1
• Embedded PCB assembly
• MIMO 2X2 dual band
• Cable length can be customized
• Mating connector types: MHF, MHF4L
2108994-1
698 - 960
1710 - 2170
2300 - 2700
4G, 3G, 2G,
NB-IoT,
Cat-M, Wi-Fi
Surface mount
<3:1
2.3
40
10
3.2
• On board PCB
2118899-1/
-2/ -3/ -4
2400 - 2483.5
5150 - 5875
Wi-Fi dual
band,
Bluetooth,
Zigbee
Chassis mount
<3:1
2.3
54.5
54.5
3.8
• Embedded metal stamping assembly
• Cable lengths: 278, 480 mm
• Mating connector types: MHF, MHF4L
2344654-1/
-2/ -3/ -4/
-5/ -6/ -7/
-8
2400 - 2483.5
5150 - 5875
Wi-Fi dual
band,
Bluetooth,
Zigbee
Adhesive mount <2:1
Refer to
data sheet
30
9.5
1
• Embedded PCB
• Cable lengths: 50, 100, 150, 200 mm or
custom
• Mating connector types: MHF, MHF4
2344655-1/
-2/ -3/ -4/
-5/ -6/ -7/ -8
2400 - 2483.5
5150 - 5875
Wi-Fi triple
band, Wi-Fi
6E, Bluetooth,
Zigbee
Adhesive mount <3:1
Refer to
data sheet
33
8
1
• Embedded PCB
• Cable lengths: 50, 100, 150, 200 mm or
custom
• Mating connector types: MHF, MHF4
2344656-1/
-2/ -3/ -4/
-5/ -6/ -7/ -8
2400 - 2483.5
5150 - 5875
Wi-Fi dual
band,
Bluetooth,
Zigbee
Adhesive mount <2:1
Refer to
data sheet
30
9.5
0.2
• Embedded FPC
• Cable lengths: 50, 100, 150, 200 mm or
custom
• Mating connector types: MHF, MHF4
2344657-1/
-2/ -3/ -4/
-5/ -6/ -7/ -8
2400 - 2483.5
5150 - 5875
Wi-Fi triple
band, Wi-Fi
6E, Bluetooth,
Zig
Adhesive mount <3:1
Refer to
data sheet
35
8
0.2
• Embedded FPC
• Cable lengths: 50, 100, 150, 200 mm or
custom
• Mating connector types: MHF, MHF4
2118898-1/ -2
902 - 928
2400 - 2483.5
ISM, Wi-Fi,
Bluetooth,
Zigbee
Adhesive mount <2:1
2.3
140
20
0.25
• Flexible Embedded FPC
• Cable lengths: 185, 255 mm or custom
• Mating connector type: MMCX
2108790-1/
-2
2400 - 2483.5
Wi-Fi dual
band,
Bluetooth,
Zigbee
Surface mount
<2:1
2
18.03
3.76
1.57
• On board PCB
2108789-1/
-2
2400 - 2483.5
Wi-Fi dual
band,
Bluetooth,
Zigbee
Surface mount
<2.5:1
1
8.46
6.4
0.79
• On board PCB
• Packaging
-1: Bulk packaged
-2: T&R packaged
2118879-1/
-2/ -4
698-960,
1710-2170,
2300-2700
4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS, Wi-Fi,
LoRa, Sigfox
Adhesive mount
Refer to
data sheet
Refer to
data sheet
110
14
1.6
• Combination antenna
• Embedded PCB
• Cable length can be customized
• Mating connector type: SMA
2108783-1/
-2
617 - 3800
5G, 4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS Wi-Fi,
LoRa, Sigfox
Surface mount
Refer to
data sheet
Refer to
data sheet
38
7.5
3.2
• Combination antenna
• On board PCB
• Small form factor
• Packaging
-1: Bulk packaged
-2: T&R packaged
2108784-1/
-2
698 - 6000
5G, 4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS Wi-Fi,
LoRa, Sigfox
Surface mount
Refer to
data sheet
Refer to
data sheet
38
7.5
3.2
• Combination antenna
• On board PCB
• Small form factor
• Packaging
-1: Bulk packaged
-2: T&R packaged
2195728-1
698 - 2700
5G, 4G, 3G, 2G,
NB-IoT, Cat-M,
GNSS Wi-Fi,
LoRa, Sigfox
Tab mount
(Through-hole)
3.0 : 1
Refer to
data sheet
55
1.6
20
• Combination antenna
• On board PCB
2195760-1
1559 - 1606
2400 - 2500
5150 - 5875
GNSS,
Wi-Fi dual,
Combo
Adhesive mount <2.5:1
3
50
15
0.15
• Embedded FPC
• Cable lengths: 150 mm or custom
• Combo (GNSS & WiFi)
• Mating connector type: MHF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com