Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1434EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1434EVKIT
Description  Low-Voltage and Low-Power Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1434EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1434EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Input Signal
Although the ADC accepts differential analog input sig-
nals, the EV kit only requires a single-ended analog
input signal with an amplitude of less than 1.4VP-P pro-
vided by the user. On-board transformers (T1–T8) con-
vert the single-ended analog input signal and generate
differential analog signals at the ADCs’ differential input
pins. Connect the single-ended analog input signals to
SMA connectors IN0–IN7 for channel 0 to channel 7,
respectively.
Reference Voltage
The EV kit can be configured to use the ADC’s 1.24V
internal reference, or a stable, low-noise, external refer-
ence. Use the 2 x 4 header JU12 to configure the
desired reference mode. See Table 6 for the appropri-
ate shunt settings.
Output Signal
The ADC features eight serial LVDS-compatible digital
outputs. Each output transmits the converted analog
input signals of channels 0 through 7. Two additional
outputs (CLKOUT and FRAME) are provided for data
synchronization. Refer to the MAX1434, MAX1436,
MAX1437, or MAX1438 data sheet for more details.
Output Format
The digital output coding can be chosen to be two’s
complement or straight offset binary by configuring
jumper JU7. See Table 7 for the appropriate jumper
configuration.
MAX1434/MAX1436/MAX1437/MAX1438
Evaluation Kits
6
_______________________________________________________________________________________
JUMPER
CLOCK INPUT RANGE
(MHz)
JU13
(PLL1)
JU6
(PLL2)
JU5
(PLL3)
MIN
MAX
2-3*
2-3*
2-3*
45.0
65.0
2-3
2-3
1-2
32.5
45.0
2-3
1-2
2-3
22.5
32.5
2-3
1-2
1-2
16.3
22.5
1-2
2-3
2-3
11.3
16.3
1-2
2-3
1-2
8.1
11.3
1-2
1-2
2-3
5.6
8.1
1-2
1-2
1-2
4.0
5.6
Table 5. MAX1438 PLL Jumper Settings
(JU5, JU6, JU13)
*
Default configuration: JU5, JU6, JU13 (2-3).
JUMPER
CLOCK INPUT RANGE
(MHz)
JU13
(PLL1)
JU6
(PLL2)
JU5
(PLL3)
MIN
MAX
2-3*
2-3*
2-3*
45.0
50.0
2-3
2-3
1-2
32.5
45.0
2-3
1-2
2-3
22.5
32.5
2-3
1-2
1-2
16.3
22.5
1-2
2-3
2-3
11.3
16.3
1-2
2-3
1-2
8.1
11.3
1-2
1-2
2-3
5.6
8.1
1-2
1-2
1-2
4.0
5.6
Table 4. MAX1437 PLL Jumper Settings
(JU5, JU6, JU13)
*
Default configuration: JU5, JU6, JU13 (2-3).
SHUNT
POSITION
REFADJ PIN
CONNECTION
EV KIT FUNCTION
1-2
Connected to
AVDD
Internal reference disabled.
Apply an external reference
voltage at the REFIO pad.
Verify that a shunt is installed
on jumper JU14.
3-4*
Connected to
GND
Internal reference enabled.
Verify that a shunt is not
installed on jumper JU14.
5-6**
Connected to
REFIO through
R57 and R51
Increase full-scale range by
adjusting potentiometer R51.
7-8**
Connected to
GND through
R57 and R51
Compensate for gain errors by
adjusting potentiometer R51.
Table 6. Reference Jumper Settings (JU12)
*
Default configuration: JU12 (3-4).
**
Refer to the Full-Scale Range Adjustments using the Internal
Reference section in the MAX1434, MAX1436, MAX1437, or
MAX1438 IC data sheet.
SHUNT
POSITION
T/B PIN
CONNECTION
DESCRIPTION
1-2
AVDD
Straight Offset Binary Selected.
Digital output in straight offset
binary format.
2-3*
GND
Two’s Complement Selected.
Digital output in two’s-
complement format.
Table 7. Output Format Jumper Settings (JU7)
*
Default configuration: JU7 (2-3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com