Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1434EVKIT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1434EVKIT
Description  Low-Voltage and Low-Power Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1434EVKIT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1434EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Power-Down
Jumper JU4 controls the power-management feature of
data converter U1. See Table 1 for jumper JU4 shunt
positions.
Clock
By default, the user-provided AC-coupled clock signal
applied to the EV kit CLOCK SMA connector is buffered
on board with two inverters (U4). In this mode, diode
D1 limits the amplitude of the clock signal. Overdriving
the clock input can increase the slew rate of the differ-
ential signal, thereby reducing clock jitter. The frequen-
cy of the signal should not exceed the maximum
sampling rate of the ADC. The sinusoidal input signal
frequency (fCLK) determines the sampling rate of the
ADC. The clock signal applied to the ADC can be
observed at test point TP10.
Optional Clock-Shaping Circuit
The EV kit also features an optional on-board clock-
shaping circuit that generates a clock signal with vari-
able duty cycle from the AC-coupled sine-wave signal
applied to the CLOCK SMA connector. The MAX9111
differential line receiver (U2) processes the clock input
signal and generates the required CMOS clock signal.
To use this circuitry, cut the trace on the printed circuit
(PC) board at R78 and install 0
Ω resistors at R35 and
R77. The signal’s duty cycle can be adjusted with poten-
tiometer R54. With a 3.3V clock supply voltage (CVDD),
a clock signal with a 50% duty cycle (recommended)
can be achieved by adjusting R54 until a voltage of
1.32V is produced across test points TP12 and TP16.
PLL Frequency Mode Selection
When driving the EV kit with clock signals lower than
the maximum specified sampling rate of the ADC, the
phased-locked-loop (PLL) circuit of the ADC must be
set accordingly. Refer to the PLL Inputs (PLL0–PLL3)
section in the ADC data sheet for further details about
the operation of the internal PLL. Jumpers JU5, JU6,
and JU13 control the PLL mode of the ADC. See Tables
2, 3, 4, or 5 for shunt positions. Configure jumpers JU5,
JU6, and JU13 accordingly and ensure that the clock
signal frequency falls between the minimum and maxi-
mum limits listed in Table 2 through Table 5.
MAX1434/MAX1436/MAX1437/MAX1438
Evaluation Kits
_______________________________________________________________________________________________________
5
SHUNT
POSITION
POWER-DOWN
CONNECTIONS
EV KIT FUNCTION
1-2
AVDD
ADC disabled
2-3*
GND
ADC enabled
Table 1. Power-Down Jumper Settings (JU4)
*
Default configuration: JU4 (2-3).
JUMPER
CLOCK INPUT RANGE
(MHz)
JU13
(PLL1)
JU6
(PLL2)
JU5
(PLL3)
MIN
MAX
2-3
2-3
2-3
Unused
2-3*
2-3*
1-2*
39.0
50.0
2-3
1-2
2-3
27.0
39.0
2-3
1-2
1-2
19.5
27.0
1-2
2-3
2-3
13.5
19.5
1-2
2-3
1-2
9.8
13.5
1-2
1-2
2-3
6.8
9.8
1-2
1-2
1-2
4.8
6.8
Table 2. MAX1434 PLL Jumper Settings
(JU5, JU6, JU13)
*
Default configuration: JU5, JU6 (2-3), JU13 (1-2).
JUMPER
CLOCK INPUT RANGE
(MHz)
JU13
(PLL1)
JU6
(PLL2)
JU5
(PLL3)
MIN
MAX
2-3
2-3
2-3
Unused
2-3*
2-3*
1-2*
32.5
40.0
2-3
1-2
2-3
22.5
32.5
2-3
1-2
1-2
16.3
22.5
1-2
2-3
2-3
11.3
16.3
1-2
2-3
1-2
8.1
11.3
1-2
1-2
2-3
5.6
8.1
1-2
1-2
1-2
4.0
5.6
*
Default configuration: JU5, JU6 (2-3), JU13 (1-2).
Table 3. MAX1436 PLL Jumper Settings
(JU5, JU6, JU13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com