Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1434EVKIT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1434EVKIT
Description  Low-Voltage and Low-Power Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1434EVKIT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1434EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX1434EVKIT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Double-Termination Settings
The ADC features trimmed, internal 100
Ω termination
resistors between the positive (true) and negative
(complementary) line of each output (D0–D7, CLKOUT,
and FRAME). The EV kit circuit also features 100
Ω ter-
mination resistors located at the far end of each differ-
ential output pair. Activating the internal termination
helps eliminate unwanted reflections on the signal
traces. Use jumper JU1 to activate either single or dou-
ble-termination. See Table 8 for appropriate shunt posi-
tions that select the termination architecture.
SLVS/LVDS Outputs
The ADC is capable of generating SLVS or LVDS signals
at its outputs. Jumper JU2 controls this feature of the
ADC. See Table 9 for shunt positions. Regardless of
which output signal type is selected, the output buffers
(U7–U16) will convert the data to LVPECL logic levels.
When operating in SLVS output mode, JU1 must be con-
figured for double-termination (shunt across pins 1 and 2).
LVDS Test Pattern
To debug signal integrity problems, the ADC can gen-
erate a factory-set test pattern on all of the output chan-
nels. Jumper JU3 controls this feature. See Table 10 for
the appropriate shunt positions. The test pattern for the
MAX1436, MAX1437, and MAX1438 is 0000 1011 1101.
The test pattern for the MAX1434 is 00 0101 1101 (MSB
to LSB).
Output Bit Locations
The digital outputs of the ADC are connected to the 40-
pin header J9. All PC board trace lengths are matched
to minimize data skew and improve the overall dynamic
performance of the device. Additionally, 10 drivers
(U7–U16) buffer and level-translate the digital outputs
to LVPECL-compatible signals. The drivers increase the
differential voltage swing, and are capable of driving
large capacitive loads, which may be present at the
logic analyzer connection. The outputs of the buffers
are connected with 40-pin header J15. See Table 11 for
bit locations of headers J9 and J15.
MAX1434/MAX1436/MAX1437/MAX1438
Evaluation Kits
_______________________________________________________________________________________
7
SHUNT
POSITION
DT PIN
CONNECTION
EV KIT FUNCTION
1-2
AVDD
Double Termination Selected.
Outputs are double-terminated.
2-3*
GND
Single Termination Selected.
Outputs are single-terminated.
Table 8. Double-Termination Jumper
Settings (JU1)
*
Default configuration: JU1 (2-3).
SHUNT
POSITION
SLVS/
LVDS PIN
CONNECTION
ADC OUTPUT
1-2
AVDD
SLVS
2-3*
GND
LVDS
Table 9. SLVS/
LVDS Jumper Settings (JU7)
*
Default configuration: JU7 (2-3).
SHUNT
POSITION
LVDSTEST PIN
CONNECTION
EV KIT FUNCTION
1-2
AVDD
Test pattern transmitted, LSB
first, on all SLVS/LVDS outputs
2-3*
GND
Normal operation
Table 10. LVDS Test Pattern Jumper
Settings (JU3)
*
Default configuration: JU3 (2-3).
SIGNAL
UNBUFFERED
(LVDS or SLVS)
BUFFERED
(LVPECL)
DESCRIPTION
P
J9-1
J15-1
CH0
N
J9-2
J15-2
Channel 0
P
J9-5
J15-5
CH1
N
J9-6
J15-6
Channel 1
P
J9-9
J15-9
CH2
N
J9-10
J15-10
Channel 2
P
J9-13
J15-13
CH3
N
J9-14
J15-14
Channel 3
P
J9-17
J15-17
CLKOUT
N
J9-18
J15-18
Clock
P
J9-21
J15-21
FRAME
N
J9-22
J15-22
Frame
P
J9-25
J15-25
CH4
N
J9-26
J15-26
Channel 4
P
J9-29
J15-29
CH5
N
J9-30
J15-30
Channel 5
P
J9-33
J15-33
CH6
N
J9-34
J15-34
Channel 6
P
J9-37
J15-37
CH7
N
J9-38
J15-38
Channel 7
Table 11. Output Bit Locations
P = True (+).
N = Complementary (-).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com