Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX6SDLCEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX6SDLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
4
NXP Semiconductors
Introduction
Figure 1 describes the part number nomenclature to identify the characteristics of a specific part number
(for example, cores, frequency, temperature grade, fuse options, and silicon revision).
The primary characteristic that differentiates which data sheet applies to a specific part is the temperature
grade (junction) field. The following list describes the correct data sheet to use for a specific part:
The i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors data sheet
(IMX6SDLAEC) covers parts listed with an “A (Automotive temp)”
The i.MX 6Solo/6DualLite Applications Processors for Consumer Products data sheet
(IMX6SDLCEC) covers parts listed with a “D (Commercial temp)” or “E (Extended Commercial
temp)”
MCIMX6S8DVM10AB
Solo
With VPU, GPU, MLB, EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S8DVM10AC
Solo
With VPU, GPU, MLB, EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S8DVM10AD
Solo
With VPU, GPU, MLB, EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
MCIMX6S5DVM10AB
Solo
With VPU, GPU, MLB, no EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S5DVM10AC
Solo
With VPU, GPU, MLB, no EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S5DVM10AD
Solo
With VPU, GPU, MLB, no EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
SCIMX6S5DVM10CB
Solo
HDCP enabled with VPU, GPU, MLB, no
EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
SCIMX6S5DVM10CC
Solo
HDCP enabled with VPU, GPU, MLB, no
EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm,
0.8 mm pitch, MAPBGA
SCIMX6S5DVM10CD
Solo
HDCP enabled with VPU, GPU, MLB, no
EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Commercial 21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
MCIMX6S5EVM10AB
Solo
With VPU, GPU, MLB, no EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Extended
Commercial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S5EVM10AC
Solo
With VPU, GPU, MLB, no EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Extended
Commercial
21 mm x 21 mm,
0.8 mm pitch, MAPBGA
MCIMX6S5EVM10AD
Solo
With VPU, GPU, MLB, no EPDC
1x Arm Cortex-A9 32-bit DDR
1 GHz
Extended
Commercial
21 mm x 21 mm, 0.8 mm
pitch, MAPBGA
1 If a 24 MHz input clock is used (required for USB), then the maximum SoC speed is limited to 996 MHz.
Table 1. Example Orderable Part Numbers (continued)
Part Number
i.MX6 CPU
Solo/
DualLite
Options
Speed
Grade1
Temperature
Grade
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com