Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1083G Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TJA1083G
Description  FlexRay node transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1083G Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TJA1083G Datasheet HTML 17Page - NXP Semiconductors TJA1083G Datasheet HTML 18Page - NXP Semiconductors TJA1083G Datasheet HTML 19Page - NXP Semiconductors TJA1083G Datasheet HTML 20Page - NXP Semiconductors TJA1083G Datasheet HTML 21Page - NXP Semiconductors TJA1083G Datasheet HTML 22Page - NXP Semiconductors TJA1083G Datasheet HTML 23Page - NXP Semiconductors TJA1083G Datasheet HTML 24Page - NXP Semiconductors TJA1083G Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TJA1083G
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 18 January 2018
21 of 41
NXP Semiconductors
TJA1083G
FlexRay node transceiver
VO
output voltage
when undervoltage on VIO;
VCC > 4.75 V; RL = 100 k to GND
500
-
+500
mV
Power-off mode;
RL = 100 k to GND
--
500
mV
Pins BP and BM
Vo(idle)(BP)
idle output voltage on
pin BP
Normal mode; VTXEN = VIO
0.4VCC
0.5VCC 0.6VCC
V
Standby mode with no undervoltage
on pin VCC
0.1
0
+0.1
V
Vo(idle)(BM)
idle output voltage on
pin BM
Normal mode; VTXEN = VIO
0.4VCC
0.5VCC 0.6VCC
V
Standby mode with no undervoltage
on pin VCC
0.1
0
+0.1
V
Io(idle)BP
idle output current on
pin BP
Normal and Standby modes with no
undervoltage;
60 V  V
BP  +60 V
7.5
-
+7.5
mA
Io(idle)BM
idle output current on
pin BM
Normal and Standby modes with no
undervoltage;
60 V  V
BM  +60 V
7.5
-
+7.5
mA
Vo(idle)(dif)
differential idle output
voltage
Normal mode
250+25
mV
VOH(dif)
differential HIGH-level
output voltage
4.75 V
 V
CC  5.25 V
600
-
2000
mV
4.45 V
 V
CC  5.25 V
530
-
2000
mV
VOL(dif)
differential LOW-level
output voltage
4.75 V
 V
CC  5.25 V
2000
-
600
mV
4.45 V
 V
CC  5.25 V
2000
530
mV
VIH(dif)
differential HIGH-level
input voltage
Normal mode;
10 V  V
cm  +15 V
[2] 150
225
300
mV
VIL(dif)
differential LOW-level
input voltage
Normal mode;
10 V  V
cm  +15 V
[2]
300
225
150
mV
Standby mode with no undervoltage
on pin VCC; 10 V  Vcm  +15 V
[2]
400
225
100
mV
V
i(dif)(H-L)
differential input volt.
diff. betw. HIGH- and
LOW-levels (abs. value)
Vcm =2.5 V
[2] --
30
mV
V
i(dif)det(act)
activity detection
differential input voltage
(absolute value)
150
225
300
mV
I
O(sc)
short-circuit output
current (absolute value)
on pin BP;
5V  V
BP  +60 V;
Rsc  1 ; tsc  1500 s
[4][6] --
60
mA
on pin BM;
5V  V
BM  +60 V;
Rsc  1 ; tsc  1500 s
[4][6] --
60
mA
on pins BP and BM; VBP =VBM;
Rsc  1 ; tsc  1500 s
[5][6] --
60
mA
Ri(BP)
input resistance on pin
BP
Rbus =  
10
20
40
k
Ri(BM)
input resistance on pin
BM
Rbus =  
10
20
40
k
Table 11.
Static characteristics …continued
All parameters are guaranteed for VCC = 4.45 V to 5.25 V; VIO = 2.55 V to 5.25 V; Tvj = 40 C to +150 C; Rbus = 40 to 55
and C
bus = 100 pF unless otherwise specified. All voltages are defined with respect to ground; positive currents flow into the
IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com