Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1083G Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TJA1083G
Description  FlexRay node transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1083G Datasheet(HTML) 1 Page - NXP Semiconductors

  TJA1083G Datasheet HTML 1Page - NXP Semiconductors TJA1083G Datasheet HTML 2Page - NXP Semiconductors TJA1083G Datasheet HTML 3Page - NXP Semiconductors TJA1083G Datasheet HTML 4Page - NXP Semiconductors TJA1083G Datasheet HTML 5Page - NXP Semiconductors TJA1083G Datasheet HTML 6Page - NXP Semiconductors TJA1083G Datasheet HTML 7Page - NXP Semiconductors TJA1083G Datasheet HTML 8Page - NXP Semiconductors TJA1083G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1.
General description
The TJA1083G FlexRay node transceiver is compliant with the FlexRay Electrical
Physical Layer specification ISO 17458-4:2013 (see Ref. 1 and Ref. 2). It is primarily
intended for communication systems operating at between 2.5 Mbit/s and 10 Mbit/s, and
provides an advanced interface between the protocol controller and the physical bus in a
FlexRay network. The TJA1083G offers an optimized solution for Electronic Control Unit
(ECU) applications that do not need enhanced power management and are typically
switched by the ignition or activated by a dedicated wake-up line.
The TJA1083G provides a differential transmit capability to the network and a differential
receive capability to the FlexRay controller. It offers excellent ElectroMagnetic
Compatibility (EMC) performance as well as high ElectroStatic Discharge (ESD)
protection.
The TJA1083G actively monitors system performance using dedicated error and status
information (readable via SPI), as well as internal voltage and temperature monitoring.
The TJA1083G is fully functionally and pin compatible with the TJA1083 (see Ref. 3).
2.
Features and benefits
2.1 Optimized for time triggered communication systems
Compliant with ISO 17458-4:2013 (see Ref. 2)
Automotive product qualification in accordance with AEC-Q100
Data transfer rates from 2.5 Mbit/s to 10 Mbit/s
Supports 60 ns minimum bit time at 400 mV differential input voltage
Very low ElectroMagnetic Emission (EME) to support unshielded cable, meeting the
latest industry standards
Differential receiver with high common-mode range for excellent ElectroMagnetic
Immunity (EMI), meeting the latest industry standards
Auto I/O level adaptation to host controller supply voltage VIO
Can be used in 14 V, 24 V and 48 V powered systems
Instant transmitter shut-down interface (BGE pin)
2.2 Low-power management
Very low current consumption in Standby mode
Remote wake-up via a wake-up pattern or dedicated FlexRay data frames on the bus
lines
TJA1083G
FlexRay node transceiver
Rev. 1 — 18 January 2018
Product data sheet


Similar Part No. - TJA1083G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1083 NXP-TJA1083 Datasheet
743Kb / 41P
FlexRay node transceiver
Rev. 1-10 October 2012
More results

Similar Description - TJA1083G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
FlexRay transceiver
Rev. 01-20 July 2006
logo
ELMOS Semiconductor AG
E910.54 ELMOS-E910.54 Datasheet
174Kb / 2P
FlexRay??Transceiver
logo
NXP Semiconductors
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
FlexRay transceiver
Rev. 02-26 August 2008
TJA1081 NXP-TJA1081 Datasheet
187Kb / 36P
FlexRay node transceiver
Rev. 02-28 July 2009
TJA1083 NXP-TJA1083 Datasheet
743Kb / 41P
FlexRay node transceiver
Rev. 1-10 October 2012
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_15 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.0, 2015-06-12
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
FlexRay Transceiver
Rev. 1.3, 2015-09-21
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.2 2017-10-17
logo
NXP Semiconductors
TJA1081B NXP-TJA1081B Datasheet
848Kb / 45P
FlexRay node transceiver
Rev. 1 ??4 June 2012
TJA1081G NXP-TJA1081G Datasheet
656Kb / 46P
FlexRay node transceiver
Rev. 1 ??28 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com