Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1083G Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TJA1083G
Description  FlexRay node transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1083G Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TJA1083G Datasheet HTML 5Page - NXP Semiconductors TJA1083G Datasheet HTML 6Page - NXP Semiconductors TJA1083G Datasheet HTML 7Page - NXP Semiconductors TJA1083G Datasheet HTML 8Page - NXP Semiconductors TJA1083G Datasheet HTML 9Page - NXP Semiconductors TJA1083G Datasheet HTML 10Page - NXP Semiconductors TJA1083G Datasheet HTML 11Page - NXP Semiconductors TJA1083G Datasheet HTML 12Page - NXP Semiconductors TJA1083G Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TJA1083G
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 18 January 2018
9 of 41
NXP Semiconductors
TJA1083G
FlexRay node transceiver
[1]
See Table 7 for set and reset conditions of all flags.
6.2 Power-up and power-down behavior
6.2.1 Power-up
The TJA1083G has two supply pins: VCC (+5 V) and VIO (for the voltage level adaptation).
The ramp up of the different power supplies can vary, depending on the state or value of a
number of signals and parameters. The power-up behavior of the TJA1083G is not
affected by the sequence in which power is supplied to these pins or by the voltage ramp
up.
As an example, Figure 6 shows one possible power supply ramp-up scenario. The digital
section of the TJA1083G is supplied by VCC. The voltage on pin VCC ramps up before the
voltage on pin VIO. As long as the voltage on VCC remains below the power-on reset
recovery threshold, Vth(rec)POR, the internal state machine is inactive and the transceiver is
totally passive, remaining in Power-off mode. As soon as the voltage rises above the
Vth(rec)POR threshold, the internal state machine starts running, setting the PWON flag and
switching the TJA1083G to Standby mode. This initializes the VCC and VIO under-voltage
flags to the set state (since both VCC and VIO are actually in undervoltage state just after
power-on).
Once both VIO and VCC have reached their operating ranges, the under-voltage flags are
reset. The operating mode is then determined by the level on STBN (the TJA1083G
switches to Normal mode if STBN is HIGH and remains in Standby mode if STBN is
LOW), provided VIO and VCC are above their respective undervoltage recovery levels
(Vuvr(VIO) and Vuvr(VCC)).
Table 6.
State transitions
indicates the action that initiates a transaction; 1 and 2 are the consequences of a transaction.
Transition
UVVIO
flag[1]
UVVCC
flag[1]
wake flag[1]
PWON flag[1] STBN
VCC level
Normal to Standby
cleared
cleared
cleared
cleared
 LV
CC > Vuvd(VCC)
 set
cleared
cleared
cleared
H
VCC > Vuvd(VCC)
cleared
 set
cleared
cleared
H
Vuvd(VCC) > VCC > Vth(det)POR
Standby to Normal
cleared
cleared
1
 cleared
2
 cleared
 HV
CC > Vuvd(VCC)
 cleared cleared
1
 cleared
2
 cleared
H
VCC > Vuvd(VCC)
cleared
 cleared 1  cleared
2
 cleared
H
Vuvd(VCC) > VCC > Vth(det)POR
Standby to Power-off
X
set
X
X
X
 V
CC < Vth(det)POR
Power-off to Standby
X
set
X
1
 set
X
 V
CC > Vth(rec)POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com