Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPM10 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
33/47
All time intervals must be longer than 30 ns. t7 → t8 is the reset time; this interval
must be longer than 30 ns as well.
7.21
Reading data records
A microcontroller is able to read all measurement results and all system signals
(configuration, calibration, status, mode). As already written above, the time step can be as
short as 30 ns. There are two phases of reading, called latching and shifting. Latching is
used to sample results into transmission latches. The transmission latches are the flip-flops
that hold the data in the SPI interface. This happens with the active pulse on SYN when
SCS is idle. The length of the pulse on SYN must be longer than 2 periods of the
measurement clock, i.e. more than 500 ns at 4 MHz. The shifting starts when SCS
becomes active. At the beginning of this phase, another pulse, much shorter, (30 ns),
should be applied on SYN so to ensure that an internal transmission serial clock counter is
reset to zero. An alternative way is to extend the pulse on SYN into the second phase of
reading. After this reset, a 32 serial clock-per-data record should be applied. It is possible
to read up to 8 data records in this way. This procedure can be aborted at any time through
deactivation of SCS (see Figure 24: "Timing for data record reading" ). The first read-out
byte of the data record is the least significant byte (LSB) of the data value and, of course,
the fourth byte is the most significant byte (MSB) of the data value. Each byte can be
further divided into a pair of 4-bit nibbles, referred to the most and the least significant
nibble ( MSN, LSN). This division makes sense with the MSB of the data value because its
MSN holds the parity code rather than useful data. The sequence of the data record during
the read operation is fixed. Normally, an application reads the 1st through the 6th data
record; the 7th and 8th data record are read only when it needs to fetch the configuration
data. However, an application may apply a pre-charge command (see Table 12: "Mode
signal description") prior to the reading phase. This command forces the device to respond
with the sequence 5th - 8th, 1st - 4th. Such a change of sequence can be used to skip the
first four data records. The timing diagram of the reading operation is shown in Figure 24:
"Timing for data record reading". User can see the latching and beginning of the shifting
phase of the first byte (0x5F) of the first data record, and the end of reading. Also, both of
alternatives to reset the internal transmission serial clock counter are shown in signal SYN.
Figure 23: Data record reconstruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com