Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPM10 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics STPM10 Datasheet HTML 40Page - STMicroelectronics STPM10 Datasheet HTML 41Page - STMicroelectronics STPM10 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Theory of operation
STPM10
38/47
DocID17728 Rev 5
Equation 11:
����1(����) =
��������
��������
⋅ ∫ i(t) ⋅ dt = −
V ⋅ I ⋅ cosϕ
2
V ⋅ I ⋅ cos⁡(2wt + ϕ)
2
See figure above (9)
Equation 12:
����2(����) = ����(����) ⋅ i(t) = −
V ⋅ I ⋅ cosϕ
2
V ⋅ I ⋅ cos⁡(2wt + ϕ)
2
See Figure 26: "Active energy computation diagram" (10)
After these two operations, another stage performs the subtraction between the results p2
and p1 and a division by 2, obtaining the active power:
Equation 13:
p(����) =
(����2(t)−����1(t))
2
=
V⋅I⋅cosφ⁡
2
See Figure 26: "Active energy computation diagram" (11)
In this way, the AC part V
⋅ I⋅ cos(2ωt + ϕ)/2 has been removed from the instantaneous
power.
The absence of any AC component allows a very fast calibration procedure. It only requires
the setting of (using the internal device programming registers) the voltage and current
sensor conversion constants, using the effective voltage and current (Vrms, Irms) readings
provided by the device built-in communication port, avoiding the time-averaged readings of
the active power or the need for line synchronization.
7.23.2
Reactive power
The reactive power is produced using the previously-computed signals. In case of shunt
sensor the voltage signal is derived while the current signal is not. A first computation is to
multiply the DS value of the integrated voltage channel with the value of the integrated
current channel, which yields:
Eqaution 14:
����1(����) = ∫ ����(����)�������� ⋅ l(t) = ����(����) ⋅ I(t) = (Vsinωt) ⋅ (−
1
����
cos(�������� + ����)) =
VI
2����
∙ (���������������� −
sin(2�������� + ����))
The second is to multiply the filtered DS value of the voltage channel with the value of the
filtered current channel:
Equation 15:
����2(����) = ����(����) ⋅ I(t) = Vωcosωt ⋅ Isin(ωt + ����) =
��������
2
∙ ���� ∙ ((���������������� + sin(2�������� + ����))
From the above results, Q1(t) is proportional to 1/ω, while Q2(t) is proportional to ω. The
correct reactive power would result from the following formula:
Equation 16:
���� =
1
2
⋅ ����1(����) ⋅ ω + ����2(t) ⋅
1
����
=
��������
2
����������������
Since the above computation needs a significant additional circuitry, the reactive power in
the STPM10 is calculated using only the Q1(t) multipli
ed by ω, which means:
Equation 17:
����3(����) =
1
2
⋅ ����1(����) ⋅ ω =
��������
2
⋅ (���������������� − sin(2�������� + ����))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com