Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPM10 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics STPM10 Datasheet HTML 40Page - STMicroelectronics STPM10 Datasheet HTML 41Page - STMicroelectronics STPM10 Datasheet HTML 42Page - STMicroelectronics STPM10 Datasheet HTML 43Page - STMicroelectronics STPM10 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Theory of operation
STPM10
40/47
DocID17728 Rev 5
The device computes different kinds of energies: active, reactive and apparent. The
active energy is produced without the 2nd harmonic of the line frequency. It also
computes RMS values of measured voltage and current
The device produces an energy output pulse signal, but information can also be read
through the serial port interface (SPI) and communication channel
The device has an embedded memory of 56 bits, used for configuration and
calibration purposes. The values of these bits can be read, or they can be changed
temporarily through the SPI communication channel
Let's consider the basic information needed to start the calibration procedure:
Table 13: Working point settings
Parameter
Value
Line RMS voltage
Vn
230 V
Line RMS current
In
5 A
Power sensitivity
P
LED: P=128000 pulses/kWh
Shunt sensor
KS
0.42 mv/A
The typical STPM10 parameters and constants are also known (see table below).
Table 14: Device constants
Parameter
Value
Tolerance
Internal reference voltage
VBG
1.23 V
± 2%
Internal calculation frequency
fM
223 Hz
± 50 ppm
Amplification of voltage ADC
AV
4
± 1%
Amplification of current ADC
AI
8, 16, 24, 32
± 2%
Gain of differentiator
GDIF
0.6135
Gain of integrator
GINT
0.815
Gain of decimation filter
GDF
1.004
RMS voltage record length
BV
211
RMS current record length
BI
216
Constant
DUD
217
As shown in the table above, analog parameters only are the object of calibration because
they introduce a certain error. Voltage ADC amplification AV is constant, while AI is chosen
according to the sensors used. The calibration algorithm first calculates the voltage divider
ratio and, as a final result, the correction parameters, called KV and KI, which applied to the
STPM10 voltage and current measures compensate the small tolerances of the analog
components that affect energy calculation. Since KV and KI calibration parameters are the
decimal representation of the corresponding configuration bytes CHV and CHP or CHS
(respectively, the voltage channel, primary current channel and secondary current channel
calibration bytes), at the end of calibration, CHV and CHP or CHS (according to the current
channel under calibration, primary or secondary, respectively) the bit values are obtained.
In the following procedure CHV, CHP and CHS are indicated as CV and CI. Through hard-
wired formulas, KV and KI tune measured values varying from 0.75 to 1, in 256 steps,
according to the value of CV and CI (from 0 to 255).
To obtain the greatest correction dynamic, initially calibrators are set in the middle of the
range, thus obtaining a calibration range of 12.5% per voltage or current channel:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com