Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC58EEX Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 43Page - STMicroelectronics SPC58EEX Datasheet HTML 44Page - STMicroelectronics SPC58EEX Datasheet HTML 45Page - STMicroelectronics SPC58EEX Datasheet HTML 46Page - STMicroelectronics SPC58EEX Datasheet HTML 47Page - STMicroelectronics SPC58EEX Datasheet HTML 48Page - STMicroelectronics SPC58EEX Datasheet HTML 49Page - STMicroelectronics SPC58EEX Datasheet HTML 50Page - STMicroelectronics SPC58EEX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 154 page
background image
DS11646 Rev 4
47/154
SPC58EEx, SPC58NEx
Electrical characteristics
48
Table 24. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fTarget
CC
D
IRC target frequency
16
MHz
δfvar_noT
CC
P
IRC frequency variation
without temperature
compensation
T < 150 °C
–5
5
%
TT < 165 oC–7
7
δfvar_T
CC
T
IRC frequency variation
with temperature
compensation
T < 150 °C
–3
3
%
T < 165 oC–4
4
δfvar_SW
T
IRC software trimming
accuracy
Trimming
temperature
–0.5
+0.3
0.5
%
Tstart_noT
CC
T Startup time to reach within
fvar_noT
Factory
trimming
already
applied
——
5
µs
Tstart_T
CC
T Startup time to reach within
fvar_T
Factory
trimming
already
applied
——
120
µs
IFIRC
CC
T Current consumption on HV
power supply(1)
After Tstart_T
1200
µA
1. The consumption reported considers the sum of the RC oscillator 16 MHz IP, and the core logic clocked by the IP during
Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com