Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC58EEX Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 13Page - STMicroelectronics SPC58EEX Datasheet HTML 14Page - STMicroelectronics SPC58EEX Datasheet HTML 15Page - STMicroelectronics SPC58EEX Datasheet HTML 16Page - STMicroelectronics SPC58EEX Datasheet HTML 17Page - STMicroelectronics SPC58EEX Datasheet HTML 18Page - STMicroelectronics SPC58EEX Datasheet HTML 19Page - STMicroelectronics SPC58EEX Datasheet HTML 20Page - STMicroelectronics SPC58EEX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 154 page
background image
DS11646 Rev 4
17/154
SPC58EEx, SPC58NEx
Electrical characteristics
17
1. VDD_LV: allowed 1.335 V - 1.400 V for 60 seconds cumulative time at the given temperature profile. Remaining time allowed
1.260 V - 1.335 V for 10 hours cumulative time at the given temperature profile. Remaining time as defined in Section 3.3:
Operating conditions. In the range [1.26-1.33] V and if the above-mentioned cumulative times are not exceeded, the device
functionality is granted and is expected to receive a flag by the internal HVD134 monitors to warn that the regulator (internal
or external), providing the VDD_LV supply, exited the expected operating conditions. If the internal HVD134 monitors are
disabled by the application, then an external voltage monitor with equivalent thresholds measured at the device pad, has to
be implemented. Please refer to Section 3.16.3: Voltage monitors for the list of available internal monitors and to the
Reference Manual for the configurability of the monitors. In this range, the device may exceed the maximum consumptions
reported in Table 9: Device consumption.
2. VDD_LV_BD: allowed 1.450 V - 1.500 V for 60 seconds cumulative time at the given temperature profile. Remaining time
allowed 1.375 V - 1.450 V for 10 hours cumulative time at maximum TJ = 125 °C. Remaining time as defined in Section 3.3:
Operating conditions.
3. VDD_HV: allowed 5.5 V – 6.0 V for 60 seconds cumulative time at the given temperature profile, for 10 hours cumulative
time with the device in reset at the given temperature profile. Remaining time as defined in Section 3.3: Operating
conditions.
4. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current
condition on a pin, the voltage will be equal to the supply plus the voltage drop across the internal ESD diode from I/O pin
to supply. The diode voltage varies greatly across process and temperature, but a value of 0.3 V can be used for nominal
calculations.
5. Relative value can be exceeded if design measures are taken to ensure injection current limitation (parameter IINJ).
6. This limitation applies to pads with digital input buffer enabled. If the digital input buffer is disabled, there are no maximum
limits to the transition time.
7. The limits for the sum of all normal and injected currents on all pads within the same supply segment can be found in
Section 3.8.3: I/O pad current specifications.
8. 175°C are allowed for limited time. Mission profile with passive lifetime temperature >150°C have to be evaluated by ST to
confirm that are granted by product qualification.
9. Solder profile per IPC/JEDEC J-STD-020D.
10. Moisture sensitivity per JDEC test method A112.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com