Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC58EEX Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 30Page - STMicroelectronics SPC58EEX Datasheet HTML 31Page - STMicroelectronics SPC58EEX Datasheet HTML 32Page - STMicroelectronics SPC58EEX Datasheet HTML 33Page - STMicroelectronics SPC58EEX Datasheet HTML 34Page - STMicroelectronics SPC58EEX Datasheet HTML 35Page - STMicroelectronics SPC58EEX Datasheet HTML 36Page - STMicroelectronics SPC58EEX Datasheet HTML 37Page - STMicroelectronics SPC58EEX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
34/154
DS11646 Rev 4
Fmax_S
CC
T
Maximum output
frequency for
Strong type
PADs
CL = 25 pF
VDD=5.0 V ± 10%
——
50
MHz
CL = 50 pF
VDD=5.0 V ± 10%
——
25
MHz
CL = 25 pF
VDD =3.3 V ± 10%
——
25
MHz
CL = 50 pF
VDD =3.3 V ± 10%
—
—
12.5
MHz
tTR_S
CC
T
Transition time
output pin
STRONG
configuration,
10%-90%
CL = 25 pF
VDD =5.0 V ± 10%
3—
10
ns
CL = 50 pF
VDD =5.0 V ± 10%
5—
16
CL = 25 pF
VDD =3.3 V ± 10%
1.5
—
15
CL = 50 pF
VDD =3.3 V ± 10%
2.5
—
26
IDCMAX_S
CC
D
Maximum DC
current
VDD = 5 V ± 10%
—
—
8
mA
VDD =3.3 V ± 10%
—
—
5.5
|tSKEW_S|
CC
T
Difference
between rise
and fall time,
90%-10%
——
—
25
%
Table 15. STRONG/FAST I/O output characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 16. VERY STRONG/VERY FAST I/O output characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Vol_V
CC
D
Output low
voltage for Very
Strong type
PADs
Iol =9.0 mA
VDD =5.0 V ± 10%
—
—
0.1*VDD
V
Iol =9.0 mA
VDD =3.3 V ± 10%
—
—
0.15*VDD
V
Voh_V
CC
D
Output high
voltage for Very
Strong type
PADs
Ioh =9.0 mA
VDD =5.0 V ± 10%
0.9*VDD
——
V
Ioh =9.0 mA
VDD =3.3 V ± 10%
0.85*VDD
——
V
R_V
CC
P
Output
impedance for
Very Strong type
PADs
VDD = 5.0 V ± 10%
20
—
60
Ω
VDD = 3.3 V ± 10%
18
—
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com