Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5207 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5207 Datasheet HTML 1Page - Microchip Technology MIC5207 Datasheet HTML 2Page - Microchip Technology MIC5207 Datasheet HTML 3Page - Microchip Technology MIC5207 Datasheet HTML 4Page - Microchip Technology MIC5207 Datasheet HTML 5Page - Microchip Technology MIC5207 Datasheet HTML 6Page - Microchip Technology MIC5207 Datasheet HTML 7Page - Microchip Technology MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC5207
DS20005719C-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VOUT + 1V; IL = 100 μA; CL = 1.0 μF; VEN ≥ 2.0V; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C except 0°C < TJ < +125°C for 1.8V; unless noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–3
—
3
%
Variation from nominal VOUT
–4
—
4
Output Voltage
Temperature Coefficient
ΔVO/ΔT
—
40
—
ppm/°C Note 2
Line Regulation
ΔVO/VO
—
0.005
0.05
%
VIN = VOUT + 1V to 16V
—
—
0.10
Load Regulation
ΔVO/VO
—
0.05
0.5
%
IL = 0.1 mA to 150 mA, Note 3
—
—
0.7
Dropout Voltage, Note 4
VIN – VO
—
17
60
mV
IL = 100 µA
—
—
80
—
115
175
IL = 50 mA
—
—
250
—
140
280
IL = 100 mA
—
—
325
—
165
300
IL = 150 mA
—
—
400
Quiescent Current
IGND
—
0.01
1
µA
VEN ≤ 0.4V (shutdown)
—
—
5
VEN ≤ 0.18V (shutdown)
Ground Pin Current
(Note 5)
IGND
—
80
130
µA
VEN ≥ 2.0V, IL = 100 µA
—
—
170
—
350
650
IL = 50 mA
—
—
900
—
720
1100
IL = 100 mA
—
—
2000
—
1800
2500
IL = 150 mA
—
—
3000
Ripple Rejection
PSRR
—
75
—
dB
—
Current Limit
ILIMIT
—
320
500
mA
VOUT = 0V
Thermal Regulation
ΔVO/ΔPD
—
0.05
—
%/W
Note 6
Output Noise
en
—
100
—
µV
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com