Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5207 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5207 Datasheet HTML 4Page - Microchip Technology MIC5207 Datasheet HTML 5Page - Microchip Technology MIC5207 Datasheet HTML 6Page - Microchip Technology MIC5207 Datasheet HTML 7Page - Microchip Technology MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology MIC5207 Datasheet HTML 10Page - Microchip Technology MIC5207 Datasheet HTML 11Page - Microchip Technology MIC5207 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC5207
DS20005719C-page 8
2017 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Power Supply Rejection
Ratio.
FIGURE 2-8:
Power Supply Rejection
Ratio.
FIGURE 2-9:
Turn-On Time vs. Bypass
Capacitance.
FIGURE 2-10:
Power Supply Rejection
Ratio.
FIGURE 2-11:
Power Supply Rejection
Ratio.
FIGURE 2-12:
Dropout Voltage vs. Output
Current.
-100
-80
-60
-40
-20
0
1E+11E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 10mA
C
OUT = 1μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 10mA
C
OUT = 2.2μF
C
BYP = 0.01μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
10
100
1000
10000
10
100
1000
10000
CAPACITANCE (pF)
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+41E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 100mA
C
OUT = 1μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+31E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 100mA
C
OUT = 2.2μF
C
BYP = 0.01μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
0
40
80
120
160
200
240
280
320
0
40
80
120
160
OUTPUT CURRENT (mA)
+125°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com