Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5207 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5207 Datasheet HTML 3Page - Microchip Technology MIC5207 Datasheet HTML 4Page - Microchip Technology MIC5207 Datasheet HTML 5Page - Microchip Technology MIC5207 Datasheet HTML 6Page - Microchip Technology MIC5207 Datasheet HTML 7Page - Microchip Technology MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology MIC5207 Datasheet HTML 10Page - Microchip Technology MIC5207 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005719C-page 7
MIC5207
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Power Supply Rejection
Ratio.
FIGURE 2-2:
Power Supply Rejection
Ratio.
FIGURE 2-3:
Power Supply Ripple
Rejection vs. Voltage Drop.
FIGURE 2-4:
Power Supply Rejection
Ratio.
FIGURE 2-5:
Power Supply Rejection
Ratio.
FIGURE 2-6:
Power Supply Ripple
Rejection vs. Voltage Drop.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-100
-80
-60
-40
-20
0
1E+11E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 100μA
C
OUT = 1μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 100μA
C
OUT = 2.2μF
C
BYP = 0.01μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
I
OUT = 100mA
10mA
1mA
C
OUT = 1μF
-100
-80
-60
-40
-20
0
1E+11E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 1mA
C
OUT = 1μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+11E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
I
OUT = 1mA
C
OUT = 2.2μF
C
BYP = 0.01μF
V
IN = 6V
V
OUT = 5V
10
100
1k 10k 100k 1M 10M
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
I
OUT = 100mA
10mA
1mA
C
OUT = 2.2μF
C
BYP = 0.01μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com