Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB9281 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3USB9281 Datasheet HTML 1Page - Diodes Incorporated PI3USB9281 Datasheet HTML 2Page - Diodes Incorporated PI3USB9281 Datasheet HTML 3Page - Diodes Incorporated PI3USB9281 Datasheet HTML 4Page - Diodes Incorporated PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
4
PI3USB9281
USB 2.0 Port Protection with Charger Detection
Switch AC Electrical Characteristics
Min and Max apply for TA between -40°C to 85°C and TJ up to +125°C (unless otherwise noted). Typical values are
referenced to TA=+25°C, VBAT=3.8V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BWUSB
-3dB Bandwidth of USB channel
-
1300
-
MHz
OIRR
OFF-Isolation
USB Mode
f=1MHz, RS=50Ω, CL=0
-
-70
-
dB
XTALK
Active Channel
Crosstalk D+ to D-
USB Mode
f=1MHz, RS=50Ω, CL=0
-
-70
-
dB
f=240MHz, RS=50Ω, CL=0
-
-30
-
tSK(P)
Skew of Opposite Transitions of the Same
Output (USB Mode)
tr=tf=750ps (10-90%) at
240MHz, CL=0pF, RL=50Ω
-
30
-
ps
tI2CRST
Time When I
2C_SDA and I2C_SCL Both
LOW to Cause a Reset
-
15
-
-
ms
tINTMASK
Time after INT Mask Cleared to “0” until
INTB Goes LOW to Signal the Interrupt
after Interruptible Event while INT Mask
Bit Set to “1”
-
25
-
-
ms
tSDPDET
Time from VBUSIN Valid to VBUSOUT Valid
with
Charger
FET
Closed
and
USB
Switches
Closed
for
USB
Standard
Downstream Port
See Figure 6
-
200
-
ms
tCHGOUT
Time from VBUSIN Valid to VBUSOUT Valid
with
Charger
FET
Closed
for
USB
Charging Ports(CDP and DCP)
See Figure 4 and Figure 5
-
200
-
ms
tCARKIT
Time from VBUSIN Valid to Car Kit Type 1
or Type 2 Charger Detected
See Figure 8
-
130
-
ms
tIDDET
Time from ID Not Floating to INTB LOW
to Signal Accessory Attached that is ID
Resistance-Based Only (VBUSIN Not Valid)
See Figure 9
-
100
-
ms
I
2C Controller DC Electrical Characteristics
Symbol
Parameter
Fast Mode (400kHz)
Units
Min.
Max.
VIL
Low-Level Input Voltage
-0.5
0.3VDDIO
V
VIH
High-Level Input Voltage
0.7VDDIO
-
V
VHYS
Hysteresis of Schmitt Trigger Inputs
VDDIO>2V
0.05VDDIO
-
V
VDDIO<2V
0.1VDDIO
-
VOL1
Low-Level Output Voltage at 3mA Sink Current (Open-
Drain)
VDDIO>2V
0
0.4
V
VDDIO<2V
-
0.2VDDIO
II2C
Input Current of I
2C SDA and SCL Pins, Input Voltage 0.26V to2.34V
-10
10
µA
CI
Capacitance for Each I/O Pin
-
10
pF
I
2C AC Electrical Characteristics
Symbol
Parameter
Fast Mode (400kHz)
Units
Min.
Max.
fSCL
SCL Clock Frequency
0
400
kHz
tHDSTA
Hold Time (Repeated) START Condition
0.6
-
µs
tLOW
LOW Period of SCL Clock
1.3
-
µs
tHIGH
HIGH Period of SCL Clock
0.6
-
µs
tSETSTA
Set-up Time for Repeated START Condition
0.6
-
µs
tHDDAT
Data Hold Time
0
0.9
µs
tSETDAT
Data Set-up Time
(1)
100
-
ns
tr
Rsie Time of SDA and SCL Signals
(2)
20+0.1Cb
300
ns
tf
Fall Time of SDA and SCL Signals
(2)
20+0.1Cb
300
tSETSTO
Set-up Time for STOP Condition
0.6
-
µs
tBUF
Bus-Free Time between STOP and START Conditions
1.3
-
µs
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input Filter
0
50
ns
Notes:
1. A fast-mode I
2C-bus device can be used in a standard-mode I2C-bus system, but the requirement t
SETDAT ≥ 250ns must be met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com