Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB9281 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB9281 Datasheet HTML 1Page - Diodes Incorporated PI3USB9281 Datasheet HTML 2Page - Diodes Incorporated PI3USB9281 Datasheet HTML 3Page - Diodes Incorporated PI3USB9281 Datasheet HTML 4Page - Diodes Incorporated PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
USB 2.0 Port Protection with Charger Detection
2014-04-0004
PT0502-1
04/28/14
1
PI3USB9281
Features
 USB-device charger detector
 Can tolerate USB3.0-PD with VBUS = 20V
 USB Charging-type detection
 Battery Charging 1.2 (BC1.2) – DCP
 Battery Charging 1.2 (BC1.2) – CDP
 Battery Charging 1.2 (BC1.2) – SDP
 Apple 1A, 2A, & 2.4A dedicated chargers
 Samsung-Fast chargers
 YD/T-1951 dedicated chargers
 CEA-936 Carkit#1 and #2 chargers
 Integrated Power FET
 VBUS Tolerance up to 28V
 1.7A Over-Current Protection (OCP)
 VBUS Over-Voltage Protection (OVP)
 Non-charging Accessory Detection
 USB On-The-Go (OTG) detection
 Mobile HDMI Link (MHL) device detection
 Wide Supply Voltage Range 3V to 5.5V
 I2C Programmability
 Small Package: CSP 1.5x2.0-15L
Applications
 Personal Media Players
 Mobile Phones
 Tablet
Pin Configuration
Description
PI3USB9281 provides external detection for any USB-
device. The part can detect various chargers available in
the market, MHL accessories, OTG accessories, and car-
chargers per the CEA936 spec. It also integrates a power
switch with over-voltage and over-current protections.
The VBUSIN input pin can tolerate voltages up to 28V,
which is important for USB3.0-PowerDelivery enabled
ports. The new USB-3.0-PowerDelivery specification
supports voltages up to 20V.
The PI3USB9281 can operate over a temperature range
of -40 to +85°C.
Typical applications involve portable & consumer
applications, such as tablet, smart phones, digital
cameras, and notebooks with integrated Li-ion batteries
that charge via USB connectors.
Block Diagram
Figure 2. PI3USB9281 Block diagram
A
B
C
VBAT
INT
CHG
VBUS
OUT
VBUS
IN
VDDIO
SDA
SCL
ID
D-
ENB
DNH
DPH
GND
D+
1
2
3
4
5
Top View
Figure 1 CSP 1.5x2.0-15L with 0.4mm Pitch


Similar Part No. - PI3USB9281

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB9201 DIODES-PI3USB9201 Datasheet
632Kb / 1P
Dual-Role USB Charging-Type Detector
PI3USB9201ZTAEX DIODES-PI3USB9201ZTAEX Datasheet
632Kb / 1P
Dual-Role USB Charging-Type Detector
More results

Similar Description - PI3USB9281

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
July 29, 2010
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
July 2, 2010
logo
Fairchild Semiconductor
FSA880 FAIRCHILD-FSA880 Datasheet
1Mb / 4P
USB Port 2:1 Switch with Accessory and Charger Detection
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
USB charger detection interface
18-Nov-2008
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
FSA880 ONSEMI-FSA880 Datasheet
790Kb / 27P
USB Port 2:1 Switch with Accessory and Charger Detection
August 2014 Rev. 1.0.7
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com