Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB9281 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3USB9281 Datasheet HTML 1Page - Diodes Incorporated PI3USB9281 Datasheet HTML 2Page - Diodes Incorporated PI3USB9281 Datasheet HTML 3Page - Diodes Incorporated PI3USB9281 Datasheet HTML 4Page - Diodes Incorporated PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
3
PI3USB9281
USB 2.0 Port Protection with Charger Detection
Switch Path DC Electrical Characteristics
Min and Max apply for TA between -40°C to 85°C and TJ up to +125°C (unless otherwise noted). Typical values are
referenced to TA=+25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
USB Data Switches (D+, D-)
RONUSB
USB Switch On-Resistance
ILOAD = 8mA, VD+ / D-= 0V, 0.4V
-
2.5
3.1
Ω
USB Analog Signal Voltage Range
VBAT=3.0 to 4.4V
0
-
3.6
V
Charging FET Switch
VOVP
Over-Voltage Protection (OVP) Threshold Voltage
6.2
6.8
7.2
V
RONCHG
Charging FET On-Resistance VBUSIN=4.2V-5.0V, ILOAD=1A
-
100
150
mΩ
IOCP
Over-Current Protection (OCP)
Threshold Current
(2)
VBUSIN=5V
1.5
1.7
1.9
A
Host Interface Pins (INTB, CHG)
VOH
Output High Voltage
IOH=2mA, VBAT=3.0 to 4.4V
0.7×
VDDIO
-
-
V
VOL
Output Low Voltage
IOL=10mA, VBAT=3.0 to 4.4V
-
-
0.4
V
Current Consumption
ICC
Battery Supply Current
No Accessory Static Current,
VBAT=3.6V,VBUSIN=0V
-
20
30
µA
With Accessory Static Current,
VBAT=3.6V,VBUSIN=0V
-
50
80
µA
With Accessory Static Current,
VBAT=3.6V,VBUSIN=5V
-
-
1
µA
ISTANDBY
Battery Supply
Standby Current
VBAT=3.6V,VBUSIN=0V,ENB=3.6V
-
-
1
µA
IOFF
Power-Off Leakage Current
VBAT=0V, VSW=0 to 4.4V
-
-
10
µA
ION(OFF)
Off Leakage Current
VBAT=3.0 to 4.4V, I/O pins=0.3V, 4.1V
-0.1
0.001
0.1
µA
IIDSHORT
Short-Circuit Current
(2)
VBAT=3.0 to 4.4V, ID=0V
-
5
-
mA
Note:
1.
On-resistance is the voltage drop between the two terminals at the indicated current through the switch.
2.
Limits based on electrical characterization data.
Capacitance (TA = -40°C to 85°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
CONUSB
D+, D- On Capacitance (USB Mode)
VBAT=3.8V , f=1MHz
-
4.0
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com