Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4426 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4426
Description  Electroluminescent Lamp Driver with High Output Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4426 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4426 Datasheet HTML 1Page - Sipex Corporation SP4426 Datasheet HTML 2Page - Sipex Corporation SP4426 Datasheet HTML 3Page - Sipex Corporation SP4426 Datasheet HTML 4Page - Sipex Corporation SP4426 Datasheet HTML 5Page - Sipex Corporation SP4426 Datasheet HTML 6Page - Sipex Corporation SP4426 Datasheet HTML 7Page - Sipex Corporation SP4426 Datasheet HTML 8Page - Sipex Corporation SP4426 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SP4426DS/01
SP4426 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
1
SP4426
Electroluminescent Lamp Driver
with High Output Drivers
s 2.2V-6.0V Battery Operation
s DC to AC Inverter for EL Backlit
Display Panels
s Externally Adjustable Internal Oscillator
s Low Current Standby Mode
APPLICATIONS
s HPC's s PDA's s Pen Tablets
s Backlit LCD Displays
DESCRIPTION…
The SP4426 is a high voltage output DC-AC converter that can operate from a 2.2V-6.0V
power supply. The SP4426 is capable of supplying up to 300 Vpp signals, making it ideal for
driving electroluminescent lamps. The device features 100 nA (typ) standby current, for use
in low power portable products. One external inductor is required to generate the high voltage
charge, and one external capacitor is used to select the oscillator and Lamp frequencies. The
SP4426 is offered in a 14 pin narrow SOIC. For delivery in die form, please consult the factory.
1
11
VDD
HON
H
Bridge
COIL
EL1
EL2
12
VSS
3
8
7
5
CAP2
8 Bit Counter
EN
CAP2
6
D1
14
CAP1
CAP1
Block Diagram


Similar Part No. - SP4426

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422 SIPEX-SP4422 Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACN SIPEX-SP4422ACN Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACU SIPEX-SP4422ACU Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACX SIPEX-SP4422ACX Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
More results

Similar Description - SP4426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
Sipex Corporation
SP4405 SIPEX-SP4405 Datasheet
158Kb / 20P
Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com