Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4426 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4426
Description  Electroluminescent Lamp Driver with High Output Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4426 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4426 Datasheet HTML 1Page - Sipex Corporation SP4426 Datasheet HTML 2Page - Sipex Corporation SP4426 Datasheet HTML 3Page - Sipex Corporation SP4426 Datasheet HTML 4Page - Sipex Corporation SP4426 Datasheet HTML 5Page - Sipex Corporation SP4426 Datasheet HTML 6Page - Sipex Corporation SP4426 Datasheet HTML 7Page - Sipex Corporation SP4426 Datasheet HTML 8Page - Sipex Corporation SP4426 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SP4426DS/01
SP4426 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
3
THEORY OF OPERATION
The SP4426 is made up of three basic circuit
elements, an oscillator, coil, and switched H-bridge
network. The oscillator provides the device with
an on-chip clock source used to control the charge
and discharge phases for the coil and lamp. An
external capacitor connected between pins 1 and
Vss allows the user to vary the oscillator frequency.
The graphs on page 6 show the relationship between
C
osc and lamp output voltage. For a given choice of
coil inductance there will be an optimum C
OSC Cap
valve that gives the maximum light output.
The suggested oscillator frequency is 20kHz
(C
osc=180pF). The oscillator output is internally
divided to create two internal control signals, F
coil
and F
lamp. The oscillator output is internally divided
down by 8 flip flops, a 64kHz signal will be
divided into 8 frequency levels; 32kHz, 16kHz,
8kHz, 4kHz, 2kHz, 1kHz, .5kHz, .25 kHz. The
third flip flop output (8KHz) is used to drive the
coil (see figure 2 on page 8) and the eighth flip flop
output (256Hz) is used to drive the lamp. Although
the oscillator frequency can be varied to optimize
the lamp output, the ratio of F
coil/Flamp will always
equal 32.
The on-chip oscillator of the SP4426 can be
overdriven with an external clock source by
removing the C
OSC capacitor and connecting a
clock source to pin 8. The clock should have a 50%
PIN DESCRIPTION
Pin 1— HON- Enable for driver operation,
high=active; low=inactive
Pin 2— N/C- No connect
Pin 3— Vss- Power supply common, connect to
ground.
Pin 4— N/C- No connect
Pin 5— Coil- Coil
Pin 6— D1- Diode cathode connection
Pin 7— EL1- Lamp driver output 1, connect to
EL lamp
Pin 8— EL2- Lamp driver output 2, connect to
EL lamp
Pin 9— N/C- No connect
Pin 10— N/C- No connect
Pin 11— Vdd- Power supply for driver, connect
to system Vdd.
Pin 12— C2- Capacitor input 2, connect to Cosc
Pin 13— N/C- No connect
Pin 14— C1- Capacitor input 1, connect to Cosc
5
6
7
10
9
8
1
2
3
4
14
13
12
11
SP4426 Schematic
Q
Q
Hon
SCR1
SCR2
OSC
FF1
FF6
coil
F
lamp
F
lamp
F
EL Lamp
1M
Vdd
Coil
7
8
EL1
EL2
Cap1
3
Vss
Vbattery
Vdd
11
5
9MH/35
1
180pF
IN4148
6
D1
.1
µF
C1
Optional
1,800pF
11
12
C2
Cap2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com