Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4426 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4426
Description  Electroluminescent Lamp Driver with High Output Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4426 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4426 Datasheet HTML 1Page - Sipex Corporation SP4426 Datasheet HTML 2Page - Sipex Corporation SP4426 Datasheet HTML 3Page - Sipex Corporation SP4426 Datasheet HTML 4Page - Sipex Corporation SP4426 Datasheet HTML 5Page - Sipex Corporation SP4426 Datasheet HTML 6Page - Sipex Corporation SP4426 Datasheet HTML 7Page - Sipex Corporation SP4426 Datasheet HTML 8Page - Sipex Corporation SP4426 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SP4426DS/01
SP4426 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
2
SPECIFICATIONS
(T= 25
°C; V
dd = 3.0V; Lamp Capacitance = 6000pF; Coil = 9 mH (RS = 30Ω); Cosc = 150pF unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
INPUT CHARACTERISTICS
Supply Voltage
2.2
3.0
6.0
Volts
Total Supply Current
8
15
mA
Vdd= 3.0V
±5%; Hon= 3.0V
15
50
mA
Vdd= 6.0V
±5%; Hon= 6.0V
150
Ω in series with coil
Quiescent Supply Current
10
200
nA
Vdd= 3.0V
±5%; Hon= 0V
0.3
1
µA
Vdd= 6.0V
±5%; Hon= 0V
150
Ω in series with coil
Clock Frequency
76.8
kHz
Cosc=150pF; Vdd = 3.0V, (f
L x 256)
Hon Voltage On
Vdd-.5
Vdd
Volts
Hon Current On
25
60
µA
Vdd = 3.0V
50
120
µA
Vdd = 6.0V
Hon Voltage Off
Vdd-2
Volts
Vdd = 3.0V
Vdd-3
Volts
Vdd = 6.0V
INDUCTOR DRIVE
Peak Current
60
mA
Pulse Rate
9.6
kHz
(f
L x 32)
Duty Cycle
94
%
LAMP OUTPUT
Differential Voltage
120
160
Vpp
Frequency
200
300
400
Hz
Vdd = 3.0V
225
300
450
Hz
Vdd = 6.0V
Lamp Capacitance
6000
pF
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
dd............................................................................................................7.0V
Input Voltages/Currents
HON (pin1)..........................................-0.5V to (V
dd+0.5V)
COIL (pin3)..............................................................60mA
Lamp Outputs.............................................................................250Vpp
Storage Temperature....................................................-65˚C to +150˚C
Power Dissipation.......................................................................200mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com