Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCK4972 Datasheet(PDF) 13 Page - Agere Systems

Part # LCK4972
Description  Low-Voltage PLL Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4972 Datasheet(HTML) 13 Page - Agere Systems

Back Button LCK4972 Datasheet HTML 9Page - Agere Systems LCK4972 Datasheet HTML 10Page - Agere Systems LCK4972 Datasheet HTML 11Page - Agere Systems LCK4972 Datasheet HTML 12Page - Agere Systems LCK4972 Datasheet HTML 13Page - Agere Systems LCK4972 Datasheet HTML 14Page - Agere Systems LCK4972 Datasheet HTML 15Page - Agere Systems LCK4972 Datasheet HTML 16Page - Agere Systems LCK4972 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Advance Data Sheet
March 26, 2004
LCK4972 Low-Voltage PLL Clock Driver
Agere Systems Inc.
13
4.7 Power Supply Filtering
The LCK4972 is a mixed-signal product which is susceptible to random noise, especially when this noise is on the power
supply pins. To isolate the output buffer switching from the internal phase-locked loop, the LCK4972 provides separate pow-
er supplies for the internal PLL (VDDA) and for the output buffers (VDDO). In a digital system environment, besides this iso-
lation technique, it is highly recommended that both VDDA and VDD power supplies be filtered to reduce the random noise
as much as possible.
Figure 4-8 illustrates a typical power supply filter scheme. Due to its susceptibility to noise with spectral content in this range,
a filter for the LCK4972 should be designed to target noise in the 100 kHz to 10 MHz range. The RC filter in Figure 4-8 will
provide a broadband filter with approximately 100:1 attenuation for noise with spectral content above 20 kHz. More elaborate
power supply schemes may be used to achieve increased power supply noise filtering.
2344 (F)
Figure 4-8. Power Supply Filter
0.01
µF
22
µF
RS = 5
Ω—10 Ω
VDD
VDDA
LCK4972
0.01
µF
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com