Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9908 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 87Page - STMicroelectronics L9908 Datasheet HTML 88Page - STMicroelectronics L9908 Datasheet HTML 89Page - STMicroelectronics L9908 Datasheet HTML 90Page - STMicroelectronics L9908 Datasheet HTML 91Page - STMicroelectronics L9908 Datasheet HTML 92Page - STMicroelectronics L9908 Datasheet HTML 93Page - STMicroelectronics L9908 Datasheet HTML 94Page - STMicroelectronics L9908 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 153 page
background image
Table 84. OFD enable bits
OFDn_EN1
OFDn_EN0
Description
0
0
Off State Diagnosis disabled (Default)
0
1
Pull-up current enabled, Pull-down current disabled
1
0
Pull-down current enabled, Pull-up current disabled
1
1
Off State Diagnosis disabled
The OFD is automatically enabled when OFD_EN bit is set and INLn/INHn = 0 [n = 1,2,3]. Once enabled, the
OFD circuit is stopped as soon as a 0 → 1 transition of INHn/INLn is detected.
Depending on the external load condition, the OFD configuration and detection shall follow the next table:
Table 85. OFD fault detection table
Condition
OFD_EN[1:0]
Error Flag
Description
3-Phase OFD
[Three phase load]
OFD1 = 10
OFD2 = 01
OFD3 = 10
HS2_OFD = X(1)
LS1_OFD = 0
LS2_OFD = 0
LS3_OFD = 0
Short to ground on one or multiple motor phase
HS2_OFD = 0
LS1_OFD = 1
LS2_OFD = 1
LS3_OFD = 1
Short to battery on one or multiple motor phase
HS2_OFD = X(1)
LS1_OFD = 0
LS2_OFD = 1
LS3_OFD = 1
Open connection on motor phase 1 (SHS_1)
HS2_OFD = X(1)
LS1_OFD = 0
LS2_OFD = 1
LS3_OFD = 0
Open connection on motor phase 2 (SHS_2)
HS2_OFD = X(1)
LS1_OFD = 1
LS2_OFD = 1
LS3_OFD = 0
Open connection on motor phase 3 (SHS_3)
HS2_OFD = 1
LS1_OFD = 1
LS2_OFD = 1
LS3_OFD = 1
No Fault
1. X = don't care.
L9908
Off State Diagnosis (OFD)
DS13546 - Rev 3
page 91/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com