Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9908 Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 88Page - STMicroelectronics L9908 Datasheet HTML 89Page - STMicroelectronics L9908 Datasheet HTML 90Page - STMicroelectronics L9908 Datasheet HTML 91Page - STMicroelectronics L9908 Datasheet HTML 92Page - STMicroelectronics L9908 Datasheet HTML 93Page - STMicroelectronics L9908 Datasheet HTML 94Page - STMicroelectronics L9908 Datasheet HTML 95Page - STMicroelectronics L9908 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 153 page
background image
Note:
•
The OFD circuit can detect a SCB or SCG condition affecting the three phases in general, due to the low
DC resistance of the motor it cannot identify at which phase the failure is present.
•
Correct functionality of OFD is based on a current mismatch between pull-up and pull-down current. In
case of additional external pull-up/down contribution the following inequation must be satisfied:
IPU_TOTx>IPD_TOT_PHy+IPD_TOT_PHz
(21)
Where:
Ipu_totx is the equivalent pull-up current injected into the phase x (assuming phase x being configured as
OFD_EN = 01)
Ipd_toty and Ipd_totz are the equivalent pull-down currents injected respectively into the phase y and z
(assuming phase y and z being configured as OFD_EN = 10)
Figure 66. OFD currents in motor phases
Blanking and Filtering
To avoid false error detections during the diagnosis settling time and to increase noise robustness, the OSD
implements a two-step digital filtering: an Up/Down counter of length equal to T_ofd_flt on the comparator`s
output filters out the high frequency noise while a blanking time masks the filters output by a programmable delay
time T_ofd_blank.
Figure 67. OFD enabling and masking time start - IPU example
L9908
Off State Diagnosis (OFD)
DS13546 - Rev 3
page 92/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com