Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9908 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics L9908 Datasheet HTML 38Page - STMicroelectronics L9908 Datasheet HTML 39Page - STMicroelectronics L9908 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
Figure 15. Shutdown fault - Transient fault timing diagram
Figure 16. Shutdown fault - Permanent fault timing diagram
Table 30. EN_BR minimum t_off time
Symbol
Parameter
Min Typ Max Unit
Notes
EN_BR_tclear Minimum time interval to assert low value on EN_BR
2.5
-
-
μs
Not subject to production test
Note:
All parameters are guaranteed, and tested, in the voltage ranges specified above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Note:
•
In case of BIST_STATUS=11 (BIST check failure) the device sent in SAFE_OFF Mode, re-engage
procedure can be performed only by issuing a SW_REST command.
•
In case of WDT_OVF_fail = 1 or WDT_DATA_fail = 1 (WDT failure) the device sent in SAFE_OFF Mode,
re-engage procedure can be performed only by issuing a WDT_RST or a SW_REST command.
5.6.2.2
Auto-retry faults
When an auto-retry fault is detected the related SPI flag is set to ‘1’, the IC ERR bits in SPI FRAME are set to ‘11’
and the FS_FLAG is asserted low.
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 36/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com