Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9915
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9915 Datasheet HTML 5Page - STMicroelectronics L9915 Datasheet HTML 6Page - STMicroelectronics L9915 Datasheet HTML 7Page - STMicroelectronics L9915 Datasheet HTML 8Page - STMicroelectronics L9915 Datasheet HTML 9Page - STMicroelectronics L9915 Datasheet HTML 10Page - STMicroelectronics L9915 Datasheet HTML 11Page - STMicroelectronics L9915 Datasheet HTML 12Page - STMicroelectronics L9915 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID026400 Rev 1
9/21
L9915
Electrical specification
20
3.3
Electrical characteristics
3.3.1
Pin “B”
Table 6. Electrical characteristics - Pin “B”
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VBOVR
Operating voltage range
-
6
-
18
V
IBstby
Standby current
consumption
VB = 12.5 V; VPH = 0; VL = 0 V;
C pin floating; T = -40°C
250
-
350
μA
IBstby
Standby current
consumption
200
-
300
μA
IBstby
Standby current
consumption
VB = 12.5 V; VPH = 0; VL = 0 V;
C pin floating; T = 130 °C
150
-
250
μA
VBISP
Internal mode set-point
voltage
VPH = 10 Vpp square wave; L pin
connected to B pin with 100 Ω;
C floating @ Tj = 30 °C
F duty cycle = 15%
14.37
14.55
14.73
V
VBITD
Internal thermal drift
-
-1.5
-3.5
-5.5
mV/°C
VBESP
External mode
set-point voltage
VPH = 10 Vpp square wave; L pin
connected to B pin with 100 Ω;
C 73% PWM duty cycle @
Tj = 30 °C; F duty cycle = 15%
14.37
14.55
14.73
V
VBESP10
External mode
set-point voltage
(duty cycle on C = 10%)
VPH = 10 Vpp square wave; L pin
connected to B pin with 100 Ω;
C 10 % PWM duty cycle @
Tj = 30°C; F duty cycle = 15 %
11.5
11.7
11.9
V
VBESP90
External mode
set-point voltage
(duty cycle on C = 90%)
VPH=10 Vpp square wave; L pin
connected to B pin with 100 Ω;
C 90 % PWM duty cycle @
Tj = 30 °C; F duty cycle =15 %
15.1
15.3
15.5
V
VBETD
External thermal drift
-
-1
0
1
mV/°C
VBDESP,1
Default external mode
set-point voltage option1
VPH=10Vpp square wave; L pin
connected to B pin with 100 Ω;
C <2% or >98% PWM duty cycle
@ Tj = 30 °C; F duty cycle = 15 %
14.37
14.55
14.73
V
VBDETD Default external thermal drift -
-1
0
1
mV/°C
ΔVBload
Regulated voltage variation
with the load (for both
int./ext. regulation)
Difference between regulated
voltage when F duty cycle is 5%
and regulated voltage when F duty
cycle is 95%
-
-
300
mV
VBwb
Regulation without battery
N. A.
10
-
16
V
VBIntOvp
Internal mode over-voltage
protections threshold
Without ECU communication
15.5
16.2
16.9
V
VBExtOvp
External mode over-voltage
protections threshold
With ECU communication
16.5
17.2
17.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com