Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9915
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9915 Datasheet HTML 7Page - STMicroelectronics L9915 Datasheet HTML 8Page - STMicroelectronics L9915 Datasheet HTML 9Page - STMicroelectronics L9915 Datasheet HTML 10Page - STMicroelectronics L9915 Datasheet HTML 11Page - STMicroelectronics L9915 Datasheet HTML 12Page - STMicroelectronics L9915 Datasheet HTML 13Page - STMicroelectronics L9915 Datasheet HTML 14Page - STMicroelectronics L9915 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID026400 Rev 1
11/21
L9915
Electrical specification
20
Cranking security function
Figure 5. Cranking security function diagram
At the ignition key on the device (i.e. "key" switch closed in the application schematic) starts
in pre-excitation; in this phase the battery voltage is over both VBUV and VBLOW and the
pin F provides a fixed duty cycle. When the starter is engaged, the battery sources a big
current and then the applied voltage on the device decreases, as reported in ISO 7637-1
pulse 4 specification. If the voltage on pin B decreases under VBLOW threshold then the
device is frozen: the device is in low current consumption with no activity on both F and FM
pins, only the L pin is able to turn on the lamp.
The device remains in frozen condition until the voltage on B overcomes the VBUV
threshold, after that, the device is able again to evaluate the inputs coming from both PH
and C pins.
3.3.2
Pin "C"
Table 7. Electrical characteristics - Pin "C"
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCIRPS
Internal regulated power
supply
-
6.2
6.8
7.3
V
RCpu
Pull-up resistor
-
1.75
3.5
5.7
k
VCHTh
High level threshold voltage
-
3.1
3.3
3.5
V
VCLTh
Low level threshold voltage
-
1.3
1.5
1.7
V
fCVR
Valid frequency range
-
100
-
500
Hz
fCLNVR
Low not valid frequency
range
--
-
74
Hz
fCLNVR
High not valid frequency
range
-
676
-
-
Hz
TCdelay
Delay time to switch from
external to Internal regulation
-
30
50
100
ms
DCEDCR External duty cycle range
-
9
-
93
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com