Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9915
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9915 Datasheet HTML 11Page - STMicroelectronics L9915 Datasheet HTML 12Page - STMicroelectronics L9915 Datasheet HTML 13Page - STMicroelectronics L9915 Datasheet HTML 14Page - STMicroelectronics L9915 Datasheet HTML 15Page - STMicroelectronics L9915 Datasheet HTML 16Page - STMicroelectronics L9915 Datasheet HTML 17Page - STMicroelectronics L9915 Datasheet HTML 18Page - STMicroelectronics L9915 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DocID026400 Rev 1
15/21
L9915
Electrical specification
20
3.3.5
Pin "PH"
To convert phase frequency (Hz) to rotation speed (rpm) according to alternator poles pair
number (N), use the following equation: rotation speed (rpm) = phase frequency (Hz) * 60 / N.
Principle of phase regulation
When VB is above the set-point voltage, the field driver is controlled to keep phase peak
voltage from falling below VPprTh. If phase peak voltage drops below VPLTh, phase
regulation does not work.
Figure 11. Principle of phase regulation
Table 10. Electrical characteristics - Pin "PH"
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VPHTh
High voltage threshold of hysteresis
input buffer
-
300
375
450
mV
VPLTh
Low voltage threshold of hysteresis
input buffer
-
225
275
325
mV
RPpd
Pull-down resistor
-
7
15
22
TPSR
Spike rejection time
-
50
115
180
μs
IPpull-dw Pull-down current
-
1.5
2
3.5
mA
fPHPrex,1
High frequency threshold to exit pre-
excitation option1
-
102
120
138
Hz
fPHYS
Frequency hysteresis
-
10
20
30
Hz
fPLPrex
Low frequency threshold to enter pre-
excitation
-fPHPrex - fPHYS
Hz
fPSS,1
Self start frequency threshold
-
255
300
345
Hz
fPLRC,1
Frequency threshold to exit/enter in
LRC option1
272
320
368
Hz
VPprTh
Phase regulation voltage threshold
-
6.7
7.7
8.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com