Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9788 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 29Page - STMicroelectronics L9788 Datasheet HTML 30Page - STMicroelectronics L9788 Datasheet HTML 31Page - STMicroelectronics L9788 Datasheet HTML 32Page - STMicroelectronics L9788 Datasheet HTML 33Page - STMicroelectronics L9788 Datasheet HTML 34Page - STMicroelectronics L9788 Datasheet HTML 35Page - STMicroelectronics L9788 Datasheet HTML 36Page - STMicroelectronics L9788 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 264 page
background image
DS12308 Rev 4
33/264
L9788
Operation behavior
263
Figure 5. Timing for Wake Up Timer - driver by MSC start/stop commands
Figure 6. Timing for Wake Up Timer - activated (started) by KEY negative edge
Reset condition
VB_STBY under voltage stops (not reset) EOT counter during cranking. The counter is reset
in case of power on reset generated on VB_STBY supply.
GADG2411161534PS
counter start(1) stop(0)
VB_STBY_UV=READ13.FRAME2[0]
Power on reset on VB_STBY
WAKE_UP_EOT_DET
WakeUpTimer COUNT_VALUE
WAKE_UP_TIMER_SET
h00000
h00001
POWER_UP
END COUNTING
MSC read and clear
VB_STBY_UV
POWER_ON
POWER_DOWN
(MSC)
WAKE_UP_EOT_DET_RST
GADG2411161545PS
Full scale
KEY
set
configuration
“START by
Command”
readout
counter
value
command
start
counter
ECU sleep
ECU sleep
ECU sleep
Configuration “Start by Key Signal”
Configuration “Start by Command”
EOT counter value
MSC communication
CSN
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com