Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSRX Datasheet(PDF) 87 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 83Page - STMicroelectronics LSM6DSRX Datasheet HTML 84Page - STMicroelectronics LSM6DSRX Datasheet HTML 85Page - STMicroelectronics LSM6DSRX Datasheet HTML 86Page - STMicroelectronics LSM6DSRX Datasheet HTML 87Page - STMicroelectronics LSM6DSRX Datasheet HTML 88Page - STMicroelectronics LSM6DSRX Datasheet HTML 89Page - STMicroelectronics LSM6DSRX Datasheet HTML 90Page - STMicroelectronics LSM6DSRX Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 171 page
background image
9.62
CTRL3_OIS (72h)
OIS configuration register. Primary interface for read-only (r); only Aux SPI can write to this register (r/w).
Table 161. CTRL3_OIS register
FS1_XL_OIS
FS0_XL_OIS
FILTER_XL_
CONF_OIS_2
FILTER_XL_
CONF_OIS_1
FILTER_XL_
CONF_OIS_0
ST1_OIS
ST0_OIS
ST_OIS_
CLAMPDIS
Table 162. CTRL3_OIS register description
FS[1:0]_XL_OIS
Selects accelerometer OIS channel full-scale. Default value: 00.
(00: ±2 g; 01: ±16 g; 10: ±4 g; 11: ±8 g)
FILTER_XL_CONF_OIS_[2:0] Selects accelerometer OIS channel bandwidth. See Table 163.
ST[1:0]_OIS
Selects gyroscope OIS chain self-test. Default value: 00
Table 164 lists the output variation when the self-test is enabled and ST_OIS_CLAMPDIS='1'.
(00: Normal mode;
01: Positive sign self-test;
10: Normal mode;
11: Negative sign self-test)
ST_OIS_CLAMPDIS
Disables OIS chain clamp
(0: All OIS chain outputs = 8000h during self-test;
1: OIS chain self-test outputs as shown in Table 164.
Table 163. Accelerometer OIS channel bandwidth and phase
FILTER_XL_CONF_OIS[2:0]
Typ. overall bandwidth [Hz]
Typ. overall phase [°]
000
631
-4.20 @ 20 Hz
001
295
-6.35 @ 20 Hz
010
140
-10.6 @ 20 Hz
011
68.2
-18.9 @ 20 Hz
100
33.6
-17.8 @ 10 Hz
101
16.7
-32.2 @ 10 Hz
110
8.3
-26.2 @ 4 Hz
111
4.14
-26.0 @ 2 Hz
Table 164. Self-test nominal output variation
Full scale
Output variation [dps]
±2000
±400
±1000
±200
±500
±100
±250
±50
±125
±25
LSM6DSRX
CTRL3_OIS (72h)
DS13007 - Rev 3
page 87/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com